Electronic Components Datasheet Search
  English  ▼

X  

LM2736 Datasheet(PDF) 22 Page - Texas Instruments

Part # LM2736
Description  LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2736 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM2736 Datasheet HTML 18Page - Texas Instruments LM2736 Datasheet HTML 19Page - Texas Instruments LM2736 Datasheet HTML 20Page - Texas Instruments LM2736 Datasheet HTML 21Page - Texas Instruments LM2736 Datasheet HTML 22Page - Texas Instruments LM2736 Datasheet HTML 23Page - Texas Instruments LM2736 Datasheet HTML 24Page - Texas Instruments LM2736 Datasheet HTML 25Page - Texas Instruments LM2736 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
VIN
VIN
EN
BOOST
SW
FB
GND
VOUT
C3
L1
C2
R1
R2
D1
D2
ON
OFF
C1
R3
LM2736
SNVS316H – SEPTEMBER 2004 – REVISED DECEMBER 2014
www.ti.com
8.2.6 LM2736Y (550 kHz) VBOOST Derived from VIN 5 V to 1.5 V / 750 mA
Figure 26. LM2736Y (550 kHz) VBOOST Derived from VIN 5 V to 1.5 V / 750 mA
8.2.6.1 Design Requirements
Derive charge for VBOOST from the input voltage, (VIN). VBOOST should be greater than 2.5 V above VSW for best
efficiency. VBOOST – VSW should not exceed the maximum operating limit of 5.5 V.
8.2.6.2 Detailed Design Procedure
Table 6. Bill of Materials for Figure 26
PART ID
PART VALUE
PART NUMBER
MANUFACTURER
U1
750mA Buck Regulator
LM2736Y
TI
C1, Input Cap
10µF, 6.3V, X5R
C3216X5ROJ106M
TDK
C2, Output Cap
22µF, 6.3V, X5R
C3216X5ROJ226M
TDK
C3, Boost Cap
0.01µF, 16V, X7R
C1005X7R1C103K
TDK
D1, Catch Diode
0.3VF Schottky 1A, 10VR
MBRM110L
ON Semi
D2, Boost Diode
1VF @ 50mA Diode
1N4148W
Diodes, Inc.
L1
10µH, 1.6A,
SLF7032T-100M1R4
TDK
R1
2k
Ω, 1%
CRCW06032001F
Vishay
R2
10k
Ω, 1%
CRCW06031002F
Vishay
R3
100k
Ω, 1%
CRCW06031003F
Vishay
Please refer toDetailed Design Procedures.
8.2.6.3 Application Curves
Please refer to Application Curves.
22
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LM2736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com