Electronic Components Datasheet Search
  English  ▼

X  

LM2736 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2736
Description  LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2736 Datasheet(HTML) 3 Page - Texas Instruments

  LM2736 Datasheet HTML 1Page - Texas Instruments LM2736 Datasheet HTML 2Page - Texas Instruments LM2736 Datasheet HTML 3Page - Texas Instruments LM2736 Datasheet HTML 4Page - Texas Instruments LM2736 Datasheet HTML 5Page - Texas Instruments LM2736 Datasheet HTML 6Page - Texas Instruments LM2736 Datasheet HTML 7Page - Texas Instruments LM2736 Datasheet HTML 8Page - Texas Instruments LM2736 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
1
2
3
6
5
4
BOOST
GND
FB
SW
VIN
EN
LM2736
www.ti.com
SNVS316H – SEPTEMBER 2004 – REVISED DECEMBER 2014
5 Pin Configuration and Functions
Package DDC (R-PDSO-G6)
6-Lead SOT
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
Boost voltage that drives the internal NMOS control switch. A bootstrap capacitor is
BOOST
1
I
connected between the BOOST and SW pins.
Signal and Power ground pin. Place the bottom resistor of the feedback network as close as
GND
2
GND
possible to this pin for accurate regulation.
FB
3
I
Feedback pin. Connect FB to the external resistor divider to set output voltage.
Enable control input. Logic high enables operation. Do not allow this pin to float or be greater
EN
4
I
than VIN + 0.3 V.
VIN
5
I
Input supply voltage. Connect a bypass capacitor to this pin.
SW
6
O
Output switch. Connects to the inductor, catch diode, and bootstrap capacitor.
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com