Electronic Components Datasheet Search
  English  ▼

X  

LM2736 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM2736
Description  LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2736 Datasheet(HTML) 5 Page - Texas Instruments

  LM2736 Datasheet HTML 1Page - Texas Instruments LM2736 Datasheet HTML 2Page - Texas Instruments LM2736 Datasheet HTML 3Page - Texas Instruments LM2736 Datasheet HTML 4Page - Texas Instruments LM2736 Datasheet HTML 5Page - Texas Instruments LM2736 Datasheet HTML 6Page - Texas Instruments LM2736 Datasheet HTML 7Page - Texas Instruments LM2736 Datasheet HTML 8Page - Texas Instruments LM2736 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
LM2736
www.ti.com
SNVS316H – SEPTEMBER 2004 – REVISED DECEMBER 2014
6.5 Electrical Characteristics
Specifications with standard typeface are for TJ = 25°C unless otherwise specified. Datasheet min/max specification limits are
ensured by design, test, or statistical analysis.
TJ = 25°C
TJ = -40°C to 125°C
PARAMETER
TEST CONDITIONS
UNIT
MIN(1)
TYP(2)
MAX(1)
MIN
TYP
MAX
VFB
Feedback Voltage
1.250
1.225
1.275
V
ΔVFB/Δ
Feedback Voltage Line
VIN = 3V to 18V
0.01
% / V
VIN
Regulation
Feedback Input Bias
IFB
Sink/Source
10
250
nA
Current
Undervoltage Lockout
VIN Rising
2.74
2.90
UVLO
Undervoltage Lockout
VIN Falling
2.3
2.0
V
UVLO Hysteresis
0.44
0.30
0.62
LM2736X
1.6
1.2
1.9
FSW
Switching Frequency
MHz
LM2736Y
0.55
0.40
0.66
LM2736X
92%
85%
DMAX
Maximum Duty Cycle
LM2736Y
96%
90%
LM2736X
2%
DMIN
Minimum Duty Cycle
LM2736Y
1%
RDS(ON) Switch ON Resistance
VBOOST - VSW = 3V
350
650
m
Ω
ICL
Switch Current Limit
VBOOST - VSW = 3V
1.5
1.0
2.3
A
IQ
Quiescent Current
Switching
1.5
2.5
mA
Quiescent Current
VEN = 0V
30
nA
(shutdown)
LM2736X (50% Duty
2.2
3.3
Cycle)
IBOOST
Boost Pin Current
mA
LM2736Y (50% Duty
0.9
1.6
Cycle)
Shutdown Threshold
VEN Falling
0.4
Voltage
VEN_TH
V
Enable Threshold
VEN Rising
1.8
Voltage
IEN
Enable Pin Current
Sink/Source
10
nA
ISW
Switch Leakage
40
nA
(1)
Specified to Texas Instruments' Average Outgoing Quality Level (AOQL).
(2)
Typicals represent the most likely parametric norm.
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com