Electronic Components Datasheet Search
  English  ▼

X  

LM2736 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM2736
Description  LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2736 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2736 Datasheet HTML 7Page - Texas Instruments LM2736 Datasheet HTML 8Page - Texas Instruments LM2736 Datasheet HTML 9Page - Texas Instruments LM2736 Datasheet HTML 10Page - Texas Instruments LM2736 Datasheet HTML 11Page - Texas Instruments LM2736 Datasheet HTML 12Page - Texas Instruments LM2736 Datasheet HTML 13Page - Texas Instruments LM2736 Datasheet HTML 14Page - Texas Instruments LM2736 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
BOOST
SW
GND
L
D1
D2
COUT
CBOOST
VOUT
CIN
VIN
VIN
VBOOST
LM2736
www.ti.com
SNVS316H – SEPTEMBER 2004 – REVISED DECEMBER 2014
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 Boost Function
Capacitor CBOOST and diode D2 in Figure 12 are used to generate a voltage VBOOST. VBOOST - VSW is the gate
drive voltage to the internal NMOS control switch. To properly drive the internal NMOS switch during its on-time,
VBOOST needs to be at least 1.6 V greater than VSW. Although the LM2736 device will operate with this minimum
voltage, it may not have sufficient gate drive to supply large values of output current. Therefore, it is
recommended that VBOOST be greater than 2.5 V above VSW for best efficiency. VBOOST – VSW should not exceed
the maximum operating limit of 5.5 V.
5.5 V > VBOOST – VSW > 2.5 V for best performance.
Figure 12. VOUT Charges CBOOST
When the LM2736 device starts up, internal circuitry from the BOOST pin supplies a maximum of 20 mA to
CBOOST. This current charges CBOOST to a voltage sufficient to turn the switch on. The BOOST pin will continue to
source current to CBOOST until the voltage at the feedback pin is greater than 1.18 V.
There are various methods to derive VBOOST:
1. From the input voltage (VIN)
2. From the output voltage (VOUT)
3. From an external distributed voltage rail (VEXT)
4. From a shunt or series zener diode
In the Functional Block Diagram, capacitor CBOOST and diode D2 supply the gate-drive current for the NMOS
switch. Capacitor CBOOST is charged via diode D2 by VIN. During a normal switching cycle, when the internal
NMOS control switch is off (TOFF) (refer to Figure 11), VBOOST equals VIN minus the forward voltage of D2 (VFD2),
during which the current in the inductor (L) forward biases the Schottky diode D1 (VFD1). Therefore the voltage
stored across CBOOST is
VBOOST - VSW = VIN - VFD2 + VFD1
(1)
When the NMOS switch turns on (TON), the switch pin rises to
VSW = VIN – (RDSON x IL),
(2)
forcing VBOOST to rise thus reverse biasing D2. The voltage at VBOOST is then
VBOOST = 2VIN – (RDSON x IL) – VFD2 + VFD1
(3)
which is approximately
2 VIN - 0.4 V
(4)
for many applications. Thus the gate-drive voltage of the NMOS switch is approximately
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com