Electronic Components Datasheet Search
  English  ▼

X  

LM2736 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM2736
Description  LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2736 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2736 Datasheet HTML 5Page - Texas Instruments LM2736 Datasheet HTML 6Page - Texas Instruments LM2736 Datasheet HTML 7Page - Texas Instruments LM2736 Datasheet HTML 8Page - Texas Instruments LM2736 Datasheet HTML 9Page - Texas Instruments LM2736 Datasheet HTML 10Page - Texas Instruments LM2736 Datasheet HTML 11Page - Texas Instruments LM2736 Datasheet HTML 12Page - Texas Instruments LM2736 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
L
R1
R2
D
1
D2
BOOST
Output
Control
Logic
Current
Limit
Thermal
Shutdown
Under
Voltage
Lockout
Corrective Ramp
Reset
Pulse
PWM
Comparator
Current-Sense Amplifier
RSENSE
+
+
Internal
Regulator
and
Enable
Circuit
Oscillator
Driver
0.3:
Switch
Internal
Compensation
SW
EN
FB
GND
Error Amplifier
-
+
VREF
1.25V
COUT
ON
OFF
VBOOST
VSW
+
-
CBOOST
VOUT
CIN
VIN
VIN
ISENSE
+
-
+
-
1.375V
OVP
Comparator
Error
Signal
-
+
IL
LM2736
www.ti.com
SNVS316H – SEPTEMBER 2004 – REVISED DECEMBER 2014
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Output Overvoltage Protection
The overvoltage comparator compares the FB pin voltage to a voltage that is 10% higher than the internal
reference Vref. Once the FB pin voltage goes 10% above the internal reference, the internal NMOS control
switch is turned off, which allows the output voltage to decrease toward regulation.
7.3.2 Undervoltage Lockout
Undervoltage lockout (UVLO) prevents the LM2736 device from operating until the input voltage exceeds 2.74 V
(typ).
The UVLO threshold has approximately 440mV of hysteresis, so the part will operate until VIN drops below 2.3 V
(typ). Hysteresis prevents the part from turning off during power up if VIN is non-monotonic.
7.3.3 Current Limit
The LM2736 device uses cycle-by-cycle current limiting to protect the output switch. During each switching cycle,
a current limit comparator detects if the output switch current exceeds 1.5 A (typ), and turns off the switch until
the next switching cycle begins.
7.3.4 Thermal Shutdown
Thermal shutdown limits total power dissipation by turning off the output switch when the IC junction temperature
exceeds 165°C. After thermal shutdown occurs, the output switch doesn’t turn on until the junction temperature
drops to approximately 150°C.
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com