Electronic Components Datasheet Search
  English  ▼

X  

LM2736 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM2736
Description  LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2736 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2736 Datasheet HTML 6Page - Texas Instruments LM2736 Datasheet HTML 7Page - Texas Instruments LM2736 Datasheet HTML 8Page - Texas Instruments LM2736 Datasheet HTML 9Page - Texas Instruments LM2736 Datasheet HTML 10Page - Texas Instruments LM2736 Datasheet HTML 11Page - Texas Instruments LM2736 Datasheet HTML 12Page - Texas Instruments LM2736 Datasheet HTML 13Page - Texas Instruments LM2736 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
LM2736
SNVS316H – SEPTEMBER 2004 – REVISED DECEMBER 2014
www.ti.com
7.4 Device Functional Modes
7.4.1 Enable Pin / Shutdown Mode
The LM2736 device has a shutdown mode that is controlled by the enable pin (EN). When a logic low voltage is
applied to EN, the part is in shutdown mode and its quiescent current drops to typically 30 nA. Switch leakage
adds another 40 nA from the input supply. The voltage at this pin should never exceed VIN + 0.3 V.
7.4.2 Soft-Start
This function forces VOUT to increase at a controlled rate during start up. During soft-start, the error amplifier’s
reference voltage ramps from 0 V to its nominal value of 1.25 V in approximately 200 µs. This forces the
regulator output to ramp up in a more linear and controlled fashion, which helps reduce inrush current.
10
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LM2736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com