Electronic Components Datasheet Search
  English  ▼

X  

LM2736 Datasheet(PDF) 19 Page - Texas Instruments

Part # LM2736
Description  LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2736 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM2736 Datasheet HTML 15Page - Texas Instruments LM2736 Datasheet HTML 16Page - Texas Instruments LM2736 Datasheet HTML 17Page - Texas Instruments LM2736 Datasheet HTML 18Page - Texas Instruments LM2736 Datasheet HTML 19Page - Texas Instruments LM2736 Datasheet HTML 20Page - Texas Instruments LM2736 Datasheet HTML 21Page - Texas Instruments LM2736 Datasheet HTML 22Page - Texas Instruments LM2736 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
VIN
VIN
EN
BOOST
SW
FB
GND
VOUT
C3
L1
C2
R1
R2
D1
D2
ON
OFF
D3
C4
R4
C1
R3
LM2736
www.ti.com
SNVS316H – SEPTEMBER 2004 – REVISED DECEMBER 2014
8.2.3 LM2736X (1.6 MHz) VBOOST Derived from VSHUNT 18 V to 1.5 V / 750 mA
Figure 23. LM2736X (1.6 MHz) VBOOST Derived from VSHUNT 18 V to 1.5 V / 750 mA
8.2.3.1 Design Requirements
An alternative method when VIN is greater than 5.5V is to place the zener diode D3 in a shunt configuration. A
small 350 mW to 500 mW 5.1 V zener in a SOT or SOD package can be used for this purpose. A small ceramic
capacitor such as a 6.3 V, 0.1 µF capacitor (C4) should be placed in parallel with the zener diode. When the
internal NMOS switch turns on, a pulse of current is drawn to charge the internal NMOS gate capacitance. The
0.1 µF parallel shunt capacitor ensures that the VBOOST voltage is maintained during this time
8.2.3.2 Detailed Design Procedure
Table 3. Bill of Materials for Figure 23
PART ID
PART VALUE
PART NUMBER
MANUFACTURER
U1
750mA Buck Regulator
LM2736X
TI
C1, Input Cap
10µF, 25V, X7R
C3225X7R1E106M
TDK
C2, Output Cap
22µF, 6.3V, X5R
C3216X5ROJ226M
TDK
C3, Boost Cap
0.01µF, 16V, X7R
C1005X7R1C103K
TDK
C4, Shunt Cap
0.1µF, 6.3V, X5R
C1005X5R0J104K
TDK
D1, Catch Diode
0.4VF Schottky 1A, 30VR
SS1P3L
Vishay
D2, Boost Diode
1VF @ 50mA Diode
1N4148W
Diodes, Inc.
D3, Zener Diode
5.1V 250Mw SOT
BZX84C5V1
Vishay
L1
6.8µH, 1.6A,
SLF7032T-6R8M1R6
TDK
R1
2k
Ω, 1%
CRCW06032001F
Vishay
R2
10k
Ω, 1%
CRCW06031002F
Vishay
R3
100k
Ω, 1%
CRCW06031003F
Vishay
R4
4.12k
Ω, 1%
CRCW06034121F
Vishay
Please refer to Detailed Design Procedures.
8.2.3.3 Application Curves
Please refer to Application Curves.
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM2736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com