Electronic Components Datasheet Search
  English  ▼

X  

LM2736 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2736
Description  LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2736 Datasheet(HTML) 1 Page - Texas Instruments

  LM2736 Datasheet HTML 1Page - Texas Instruments LM2736 Datasheet HTML 2Page - Texas Instruments LM2736 Datasheet HTML 3Page - Texas Instruments LM2736 Datasheet HTML 4Page - Texas Instruments LM2736 Datasheet HTML 5Page - Texas Instruments LM2736 Datasheet HTML 6Page - Texas Instruments LM2736 Datasheet HTML 7Page - Texas Instruments LM2736 Datasheet HTML 8Page - Texas Instruments LM2736 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
VIN
VIN
EN
BOOST
SW
FB
GND
VOUT
C3
L1
C1
C2
R1
R2
D1
D2
ON
OFF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM2736
SNVS316H – SEPTEMBER 2004 – REVISED DECEMBER 2014
LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
1 Features
3 Description
The LM2736 regulator is a monolithic, high frequency,
1
•
Thin SOT-6 Package
PWM step-down DC/DC converter in a 6-pin Thin
•
3.0 V to 18 V Input Voltage Range
SOT package. It provides all the active functions to
•
1.25 V to 16 V Output Voltage Range
provide local DC/DC conversion with fast transient
response and accurate regulation in the smallest
•
750 mA Output Current
possible PCB area.
•
550 kHz (LM2736Y) and 1.6 MHz (LM2736X)
Switching Frequencies
With a minimum of external components and online
design support through WEBENCH®, the LM2736 is
•
350 m
Ω NMOS Switch
easy to use. The ability to drive 750 mA loads with an
•
30 nA Shutdown Current
internal 350 m
Ω NMOS switch using state-of-the-art
•
1.25 V, 2% Internal Voltage Reference
0.5 µm BiCMOS technology results in the best power
density available. The world class control circuitry
•
Internal Soft-Start
allows for on-times as low as 13 ns, thus supporting
•
Current-Mode, PWM Operation
exceptionally high frequency conversion over the
•
WEBENCH® Online Design Tool
entire 3 V to 18 V input operating range down to the
minimum
output
voltage
of
1.25
V.
Switching
•
Thermal Shutdown
frequency is internally set to 550 kHz (LM2736Y) or
1.6 MHz (LM2736X), allowing the use of extremely
2 Applications
small surface mount inductors and chip capacitors.
•
Local Point of Load Regulation
Even though the operating frequencies are very high,
•
Core Power in HDDs
efficiencies up to 90% are easy to achieve. External
shutdown is included, featuring an ultra-low stand-by
•
Set-Top Boxes
current of 30 nA. The LM2736 utilizes current-mode
•
Battery Powered Devices
control and internal compensation to provide high-
•
USB Powered Devices
performance
regulation
over
a
wide
range
of
operating
conditions.
Additional
features
include
•
DSL Modems
internal soft-start circuitry to reduce inrush current,
•
Notebook Computers
pulse-by-pulse current limit, thermal shutdown, and
output over-voltage protection.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM2736
SOT (6)
2.90 mm x 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application Circuit
Efficiency vs. Load Current "X"
VIN = 5 V, VOUT = 3.3 V
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM2736

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
Thin SOT23 750mA Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2736 TI-LM2736 Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI-LM2736 Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI-LM2736 Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI1-LM2736 Datasheet
1Mb / 27P
Thin SOT23 750mA Load Step-Down DC-DC Regulator
More results

Similar Description - LM2736

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
Thin SOT23 750mA Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2734 TI-LM2734_15 Datasheet
1Mb / 37P
LM2734 Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734Z TI-LM2734Z_15 Datasheet
1Mb / 32P
LM2734Z/LM2734ZQ Thin SOT 1A Load Step-Down DC-DC Regulator
LM2736 TI-LM2736_15 Datasheet
1Mb / 36P
LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
LM2734Z TI1-LM2734Z_16 Datasheet
1Mb / 36P
Thin SOT 1-A Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com