Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 24Page - Infineon Technologies AG XC2000 Datasheet HTML 25Page - Infineon Technologies AG XC2000 Datasheet HTML 26Page - Infineon Technologies AG XC2000 Datasheet HTML 27Page - Infineon Technologies AG XC2000 Datasheet HTML 28Page - Infineon Technologies AG XC2000 Datasheet HTML 29Page - Infineon Technologies AG XC2000 Datasheet HTML 30Page - Infineon Technologies AG XC2000 Datasheet HTML 31Page - Infineon Technologies AG XC2000 Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
General Device Information
Data Sheet
24
V1.3, 2015-02
8,
28,
42,
56
V
DDPB
-
PS/B Digital Pad Supply Voltage for Domain B
Connect decoupling capacitors to adjacent
V
DDP/VSS pin pairs as close as possible to the pins.
1, 33
V
SS
-
PS/-- Digital Ground
All
V
SS pins must be connected to the ground-line
or ground-plane.
Note: Also
the
exposed
pad
is
connected
internally to
V
SS.
To improve the EMC
behaviour, it is recommended to connect the
exposed pad to the board ground.
For thermal aspects, please refer to the
Data Sheet. Board layout examples are
given in an application note.
Table 6
Pin Definitions and Functions (cont’d)
Pin
Symbol
Ctrl.
Type Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com