Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 94 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 94 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 90Page - Infineon Technologies AG XC2000 Datasheet HTML 91Page - Infineon Technologies AG XC2000 Datasheet HTML 92Page - Infineon Technologies AG XC2000 Datasheet HTML 93Page - Infineon Technologies AG XC2000 Datasheet HTML 94Page - Infineon Technologies AG XC2000 Datasheet HTML 95Page - Infineon Technologies AG XC2000 Datasheet HTML 96Page - Infineon Technologies AG XC2000 Datasheet HTML 97Page - Infineon Technologies AG XC2000 Datasheet HTML 98Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Electrical Parameters
Data Sheet
90
V1.3, 2015-02
4.7.4
Pad Properties
The output pad drivers of the XC223[04]L can operate in several user-selectable modes.
Strong driver mode allows controlling external components requiring higher currents
such as power bridges or LEDs. Reducing the driving power of an output pad reduces
electromagnetic emissions (EME). In strong driver mode, selecting a slower edge
reduces EME.
The dynamic behavior, i.e. the rise time and fall time, depends on the applied external
capacitance that must be charged and discharged. Timing values are given for a
capacitance of 20 pF, unless otherwise noted.
In general, the performance of a pad driver depends on the available supply voltage
V
DDP. Therefore the following tables list the pad parameters for the upper voltage range
and the lower voltage range, respectively.
Note: These parameters are not subject to production test but verified by design and/or
characterization.
Note: Operating Conditions apply.
Table 30 is valid under the following conditions:
V
DDP≤ 5.5 V; VDDPtyp. 5 V; VDDP≥ 4.5 V
Table 30
Standard Pad Parameters for Upper Voltage Range
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Maximum output driver
current (absolute value)
1)
I
Omax
CC
−−
3.0
mA
Driver_Strength
=Medium
−−
5.0
mA
Driver_Strength
=Strong
−−
0.5
mA
Driver_Strength
=Weak
Nominal output driver
current (absolute value)
I
Onom
CC
−−
1.0
mA
Driver_Strength
=Medium
−−
1.6
mA
Driver_Strength
=Strong
−−
0.25
mA
Driver_Strength
=Weak



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com