Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 28Page - Infineon Technologies AG XC2000 Datasheet HTML 29Page - Infineon Technologies AG XC2000 Datasheet HTML 30Page - Infineon Technologies AG XC2000 Datasheet HTML 31Page - Infineon Technologies AG XC2000 Datasheet HTML 32Page - Infineon Technologies AG XC2000 Datasheet HTML 33Page - Infineon Technologies AG XC2000 Datasheet HTML 34Page - Infineon Technologies AG XC2000 Datasheet HTML 35Page - Infineon Technologies AG XC2000 Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Functional Description
Data Sheet
28
V1.3, 2015-02
This common memory space consists of 16 Mbytes organized as 256 segments of
64 Kbytes; each segment contains four data pages of 16 Kbytes. The entire memory
space can be accessed bytewise or wordwise. Portions of the on-chip DPRAM and the
register spaces (ESFR/SFR) additionally are directly bit addressable.
The internal data memory areas and the Special Function Register areas (SFR and
ESFR) are mapped into segment 0, the system segment.
The Program Management Unit (PMU) handles all code fetches and, therefore, controls
access to the program memories such as Flash memory and PSRAM.
The Data Management Unit (DMU) handles all data transfers and, therefore, controls
access to the DSRAM and the on-chip peripherals.
Both units (PMU and DMU) are connected to the high-speed system bus so that they can
exchange data. This is required if operands are read from program memory, code or
data is written to the PSRAM, code is fetched from external memory, or data is read from
or written to external resources. These include peripherals on the LXBus such as USIC
or MultiCAN. The system bus allows concurrent two-way communication for maximum
transfer performance.
4 Kbytes of on-chip Program SRAM (PSRAM) are provided to store user code or data.
The PSRAM is accessed via the PMU and is optimized for code fetches. A section of the
PSRAM with programmable size can be write-protected.
ESFR area
00’F000
H
00’F1FF
H
0.5 Kbytes
XSFR area
00’E000
H
00’EFFF
H
4 Kbytes
Data SRAM (DSRAM)
00’C800
H
00’DFFF
H
6 Kbytes
Reserved for DSRAM
00’8000
H
00’C7FF
H
18 Kbytes
External memory area
00’0000
H
00’7FFF
H
32 Kbytes
1) Accesses to the shaded areas are reserved. In devices with external bus interface these accesses generate
external bus accesses.
2) The areas marked with “<” are slightly smaller than indicated, see column “Notes”.
3) The uppermost 4-Kbyte sector of the first Flash segment is reserved for internal use (C0’F000
H to C0’FFFFH).
4) Several pipeline optimizations are not active within the external IO area.
Table 8
XC223[04]L Memory Map (cont’d)
1) (cont’d)
Address Area
Start Loc. End Loc.
Area Size
2)
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com