Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 63 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 63 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 59Page - Infineon Technologies AG XC2000 Datasheet HTML 60Page - Infineon Technologies AG XC2000 Datasheet HTML 61Page - Infineon Technologies AG XC2000 Datasheet HTML 62Page - Infineon Technologies AG XC2000 Datasheet HTML 63Page - Infineon Technologies AG XC2000 Datasheet HTML 64Page - Infineon Technologies AG XC2000 Datasheet HTML 65Page - Infineon Technologies AG XC2000 Datasheet HTML 66Page - Infineon Technologies AG XC2000 Datasheet HTML 67Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Electrical Parameters
Data Sheet
59
V1.3, 2015-02
Overload current coupling
factor for digital I/O pins
K
OVD
CC
−
1.0 x
10
-2
3.0 x
10
-2
I
OV< 0 mA; not
subject to
production test
−
1.0 x
10
-4
5.0 x
10
-3
I
OV> 0 mA; not
subject to
production test
Absolute sum of overload
currents
Σ|I
OV|
SR
−−
30
mA
not subject to
production test
Digital core supply voltage
for domain M
8)
V
DDIM
CC
−
1.5
−
V
Digital supply voltage for
IO pads and voltage
regulators
V
DDP SR
3.0
−
5.5
V
Digital ground voltage
V
SS SR
−
0
−
V
1) To ensure the stability of the voltage regulators the EVRs must be buffered with ceramic capacitors. Separate
buffer capacitors with the recomended values shall be connected as close as possible to each
V
DDIM pin to
keep the resistance of the board tracks below 2 Ohm. Connect all
V
DDIM pins together. The minimum
capacitance value is required for proper operation under all conditions (e.g. temperature). Higher values
slightly increase the startup time.
2) Use one Capacitor for each pin.
3) This is the reference load. For bigger capacitive loads, use the derating factors listed in the PAD properties
section.
4) The timing is valid for pin drivers operating in default current mode (selected after reset). Reducing the output
current may lead to increased delays or reduced driving capability (
C
L).
5) The operating frequency range may be reduced for specific device types. This is indicated in the device
designation (...FxxL). 66 MHz devices are marked ...F66L.
6) Overload conditions occur if the standard operating conditions are exceeded, i.e. the voltage on any pin
exceeds the specified range:
V
OV > VIHmax (IOV > 0) or VOV < VILmin ((IOV < 0). The absolute sum of input
overload currents on all pins may not exceed 50 mA. The supply voltages must remain within the specified
limits. Proper operation under overload conditions depends on the application. Overload conditions must not
occur on pin XTAL1.
7) An overload current (
I
OV) through a pin injects a certain error current (IINJ) into the adjacent pins. This error
current adds to the respective pins leakage current (
I
OZ). The amount of error current depends on the overload
current and is defined by the overload coupling factor
K
OV. The polarity of the injected error current is inverse
compared to the polarity of the overload current that produces it.The total current through a pin is |
I
TOT| = |IOZ|
+ (|
I
OV| KOV). The additional error current may distort the input voltage on analog inputs.
Table 13
Operating Conditions (cont’d)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com