Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 52 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 52 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 48Page - Infineon Technologies AG XC2000 Datasheet HTML 49Page - Infineon Technologies AG XC2000 Datasheet HTML 50Page - Infineon Technologies AG XC2000 Datasheet HTML 51Page - Infineon Technologies AG XC2000 Datasheet HTML 52Page - Infineon Technologies AG XC2000 Datasheet HTML 53Page - Infineon Technologies AG XC2000 Datasheet HTML 54Page - Infineon Technologies AG XC2000 Datasheet HTML 55Page - Infineon Technologies AG XC2000 Datasheet HTML 56Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Functional Description
Data Sheet
48
V1.3, 2015-02
Target Protocols
Each USIC channel can receive and transmit data frames with a selectable data word
width from 1 to 16 bits in each of the following protocols:
•
UART (asynchronous serial channel)
– module capability: maximum baud rate =
f
SYS / 4
– data frame length programmable from 1 to 63 bits
– MSB or LSB first
•
LIN Support (Local Interconnect Network)
– module capability: maximum baud rate =
f
SYS / 16
– checksum generation under software control
– baud rate detection possible by built-in capture event of baud rate generator
•
SSC/SPI (synchronous serial channel with or without data buffer)
– module capability: maximum baud rate =
f
SYS / 2, limited by loop delay
– number of data bits programmable from 1 to 63, more with explicit stop condition
– MSB or LSB first
– optional control of slave select signals
•
IIC (Inter-IC Bus)
– supports baud rates of 100 kbit/s and 400 kbit/s
•
IIS (Inter-IC Sound Bus)
– module capability: maximum baud rate =
f
SYS / 2
Note: Depending on the selected functions (such as digital filters, input synchronization
stages, sample point adjustment, etc.), the maximum achievable baud rate can be
limited. Please note that there may be additional delays, such as internal or
external propagation delays and driver delays (e.g. for collision detection in UART
mode, for IIC, etc.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com