Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 92 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 92 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 88Page - Infineon Technologies AG XC2000 Datasheet HTML 89Page - Infineon Technologies AG XC2000 Datasheet HTML 90Page - Infineon Technologies AG XC2000 Datasheet HTML 91Page - Infineon Technologies AG XC2000 Datasheet HTML 92Page - Infineon Technologies AG XC2000 Datasheet HTML 93Page - Infineon Technologies AG XC2000 Datasheet HTML 94Page - Infineon Technologies AG XC2000 Datasheet HTML 95Page - Infineon Technologies AG XC2000 Datasheet HTML 96Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Electrical Parameters
Data Sheet
88
V1.3, 2015-02
4.7.3
External Clock Input Parameters
These parameters specify the external clock generation for the XC223[04]L. The clock
can be generated in two ways:
•
By connecting a crystal or ceramic resonator to pins XTAL1/XTAL2.
•
By supplying an external clock signal. This clock signal can be supplied either to
pin XTAL1 (core voltage domain) or to pin CLKIN1 (IO voltage domain).
If connected to CLKIN1, the input signal must reach the defined input levels
V
IL and VIH.
If connected to XTAL1, a minimum amplitude
V
AX1 (peak-to-peak voltage) is sufficient for
the operation of the on-chip oscillator.
Note: The given clock timing parameters (
t
1 … t4) are only valid for an external clock
input signal.
Note: Operating Conditions apply.
Table 29
External Clock Input Characteristics
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Oscillator frequency
f
OSC SR
4
−
40
MHz
Input= Clock
Signal
4
−
16
MHz
Input= Crystal
or Resonator
XTAL1 input current
absolute value
|
I
IL| CC
−−
20
μA
Input clock high time
t
1 SR
6
−−
ns
Input clock low time
t
2 SR
6
−−
ns
Input clock rise time
t
3 SR
−
88
ns
Input clock fall time
t
4 SR
−
88
ns
Input voltage amplitude on
XTAL1
1)
1) The amplitude voltage
V
AX1 refers to the offset voltage VOFF. This offset voltage must be stable during the
operation and the resulting voltage peaks must remain within the limits defined by
V
IX1.
V
AX1 SR
0.3 x
V
DDIM
−−
V
f
OSC≥ 4MHz;
f
OSC≤ 16 MHz
0.4 x
V
DDIM
−−
V
f
OSC≥ 16 MHz;
f
OSC≤ 25 MHz
0.5 x
V
DDIM
−−
V
f
OSC≥ 25 MHz;
f
OSC≤ 40 MHz
Input voltage range limits
for signal on XTAL1
V
IX1 SR
-1.7 +
V
DDIM
−
1.7
V
2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com