Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 14Page - Infineon Technologies AG XC2000 Datasheet HTML 15Page - Infineon Technologies AG XC2000 Datasheet HTML 16Page - Infineon Technologies AG XC2000 Datasheet HTML 17Page - Infineon Technologies AG XC2000 Datasheet HTML 18Page - Infineon Technologies AG XC2000 Datasheet HTML 19Page - Infineon Technologies AG XC2000 Datasheet HTML 20Page - Infineon Technologies AG XC2000 Datasheet HTML 21Page - Infineon Technologies AG XC2000 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
General Device Information
Data Sheet
14
V1.3, 2015-02
21
P5.10
I
In/B
Bit 10 of Port 5, General Purpose Input
ADC0_CH10
I
In/B
Analog Input Channel 10 for ADC0
BRKIN_A
IIn/B
OCDS Break Signal Input
22
P5.11
I
In/B
Bit 11 of Port 5, General Purpose Input
ADC0_CH11
I
In/B
Analog Input Channel 11 for ADC0
23
P5.13
I
In/B
Bit 13 of Port 5, General Purpose Input
ADC0_CH13
I
In/B
Analog Input Channel 13 for ADC0
CCU63_T13
HRF
IIn/B
External Run Control Input for T13 of CCU63
ERU_0B1
I
In/B
External Request Unit Channel 0 Input B1
24
P5.15
I
In/B
Bit 15 of Port 5, General Purpose Input
ADC0_CH15
I
In/B
Analog Input Channel 15 for ADC0
25
P2.0
O0 / I DA/B Bit 0 of Port 2, General Purpose Input/Output
CCU63_CC6
0
O2
DA/B CCU63 Channel 0 Output
RxDC0C
I
DA/B CAN Node 0 Receive Data Input
CCU63_CC6
0INB
IDA/B CCU63 Channel 0 Input
ADC0_CH19
I
DA/B Analog Input Channel 19 for ADC0
T5INB
I
DA/B GPT12E Timer T5 Count/Gate Input
26
P2.1
O0 / I DA/B Bit 1 of Port 2, General Purpose Input/Output
TxDC0
O1
DA/B CAN Node 0 Transmit Data Output
CCU63_CC6
1
O2
DA/B CCU63 Channel 1 Output
CCU63_CC6
1INB
IDA/B CCU63 Channel 1 Input
ADC0_CH20
I
DA/B Analog Input Channel 20 for ADC0
T5EUDB
I
DA/B GPT12E Timer T5 External Up/Down Control
Input
ESR1_5
I
DA/B ESR1 Trigger Input 5
ERU_0A0
I
DA/B External Request Unit Channel 0 Input A0
Table 6
Pin Definitions and Functions (cont’d)
Pin
Symbol
Ctrl.
Type Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com