Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 64 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 64 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 60Page - Infineon Technologies AG XC2000 Datasheet HTML 61Page - Infineon Technologies AG XC2000 Datasheet HTML 62Page - Infineon Technologies AG XC2000 Datasheet HTML 63Page - Infineon Technologies AG XC2000 Datasheet HTML 64Page - Infineon Technologies AG XC2000 Datasheet HTML 65Page - Infineon Technologies AG XC2000 Datasheet HTML 66Page - Infineon Technologies AG XC2000 Datasheet HTML 67Page - Infineon Technologies AG XC2000 Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Electrical Parameters
Data Sheet
60
V1.3, 2015-02
4.2
Voltage Range definitions
The XC223[04]L timing depends on the supply voltage. If such a dependency exists the
timing values are given for 2 voltage areas commonly used. The voltage areas are
defined in the following tables.
4.2.1
Parameter Interpretation
The parameters listed in the following include both the characteristics of the XC223[04]L
and its demands on the system. To aid in correctly interpreting the parameters when
evaluating them for a design, they are marked accordingly in the column “Symbol”:
CC (Controller Characteristics):
The logic of the XC223[04]L provides signals with the specified characteristics.
SR (System Requirement):
The external system must provide signals with the specified characteristics to the
XC223[04]L.
8) Value is controlled by on-chip regulator.
Table 14
Upper Voltage Range Definition
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Digital supply voltage for
IO pads and voltage
regulators
V
DDP SR
4.5
5.0
5.5
V
Table 15
Lower Voltage Range Definition
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Digital supply voltage for
IO pads and voltage
regulators
V
DDP SR
3.0
3.3
4.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com