Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 100 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 100 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 96Page - Infineon Technologies AG XC2000 Datasheet HTML 97Page - Infineon Technologies AG XC2000 Datasheet HTML 98Page - Infineon Technologies AG XC2000 Datasheet HTML 99Page - Infineon Technologies AG XC2000 Datasheet HTML 100Page - Infineon Technologies AG XC2000 Datasheet HTML 101Page - Infineon Technologies AG XC2000 Datasheet HTML 102Page - Infineon Technologies AG XC2000 Datasheet HTML 103Page - Infineon Technologies AG XC2000 Datasheet HTML 104Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Electrical Parameters
Data Sheet
96
V1.3, 2015-02
Figure 21
USIC - SSC Master/Slave Mode Timing
Note: This timing diagram shows a standard configuration where the slave select signal
is low-active and the serial clock signal is not shifted and not inverted.
t2
t1
USIC_SSC_TMGX.VSD
Clock Output
SCLKOUT
Data Output
DOUT
t
3
t
3
t5
Data
valid
t4
First Transmit
Edge
Data Input
DX0
Select Output
SELOx
Active
Master Mode Timing
Slave Mode Timing
t11
t10
Clock Input
DX1
Data Output
DOUT
t14
t14
Data
valid
Data Input
DX0
Select Input
DX2
Active
t13
t12
Transmit Edge: with this clock edge
, transmit data is shifted to transmit data output.
Receive Edge: with this clock edge
, receive data at receive data input is latched
.
Receive
Edge
Last Receive
Edge
Inactive
Inactive
Transmit
Edge
Inactive
Inactive
First Transmit
Edge
Receive
Edge
Transmit
Edge
Last Receive
Edge
t5
Data
valid
t4
Data
valid
t12
t13
Drawn for BRGH .SCLKCFG = 00B. Also valid for for SCLKCFG = 01B with inverted SCLKOUT signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com