Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 27Page - Infineon Technologies AG XC2000 Datasheet HTML 28Page - Infineon Technologies AG XC2000 Datasheet HTML 29Page - Infineon Technologies AG XC2000 Datasheet HTML 30Page - Infineon Technologies AG XC2000 Datasheet HTML 31Page - Infineon Technologies AG XC2000 Datasheet HTML 32Page - Infineon Technologies AG XC2000 Datasheet HTML 33Page - Infineon Technologies AG XC2000 Datasheet HTML 34Page - Infineon Technologies AG XC2000 Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Functional Description
Data Sheet
27
V1.3, 2015-02
3.1
Memory Subsystem and Organization
The memory space of the XC223[04]L is configured in the von Neumann architecture. In
this architecture all internal and external resources, including code memory, data
memory, registers and I/O ports, are organized in the same linear address space.
Table 8
XC223[04]L Memory Map
1)
Address Area
Start Loc. End Loc.
Area Size
2)
Notes
IMB register space
FF’FF00
H
FF’FFFF
H
256 bytes
Reserved
F0’0000
H
FF’FEFF
H
< 1 Mbyte
Minus IMB
registers.
Reserved for EPSRAM
E8’1000
H
EF’FFFF
H
508 Kbytes
Mirrors EPSRAM
Emulated PSRAM
E8’0000
H
E8’0FFF
H
up to 4 Kbytes With Flash timing.
Reserved for PSRAM
E0’1000
H
E7’FFFF
H
508 Kbytes
Mirrors PSRAM
PSRAM
E0’0000
H
E0’0FFF
H
up to 4 Kbytes Program SRAM.
Reserved for Flash
C4’8000
H
DF’FFFF
H
1760 Kbytes
Flash 1
C4’0000
H
C4’7FFF
H
32 Kbytes
Reserved for Flash
C2’1000
H
C3’FFFF
H
124 Kbytes
Flash 0
C0’0000
H
C2’0FFF
H
132 Kbytes
3)
External memory area
40’0000
H
BF’FFFF
H
8 Mbytes
External IO area
4)
21’0000
H
3F’FFFF
H
1984 Kbytes
Reserved
20’B800
H
20’FFFF
H
18 Kbytes
USIC0-1 alternate regs.
20’B000
H
20’B7FF
H
2 Kbytes
Accessed via
LXBus Controller
MultiCAN alternate regs. 20’8000
H
20’AFFF
H
12 Kbytes
Accessed via
LXBus Controller
Reserved
20’5000
H
20’7FFF
H
12 Kbytes
USIC0-1 registers
20’4000
H
20’4FFF
H
4 Kbytes
Accessed via
LXBus Controller
MultiCAN registers
20’0000
H
20’3FFF
H
16 Kbytes
Accessed via
LXBus Controller
External memory area
01’0000
H
1F’FFFF
H
1984 Kbytes
SFR area
00’FE00
H
00’FFFF
H
0.5 Kbytes
Dual-port RAM
(DPRAM)
00’F600
H
00’FDFF
H
2 Kbytes
Reserved for DPRAM
00’F200
H
00’F5FF
H
1 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com