Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 81 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 81 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 77Page - Infineon Technologies AG XC2000 Datasheet HTML 78Page - Infineon Technologies AG XC2000 Datasheet HTML 79Page - Infineon Technologies AG XC2000 Datasheet HTML 80Page - Infineon Technologies AG XC2000 Datasheet HTML 81Page - Infineon Technologies AG XC2000 Datasheet HTML 82Page - Infineon Technologies AG XC2000 Datasheet HTML 83Page - Infineon Technologies AG XC2000 Datasheet HTML 84Page - Infineon Technologies AG XC2000 Datasheet HTML 85Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 112 page
background image
XC2230L, XC2234L
XC2000 Family / Econo Line
Electrical Parameters
Data Sheet
77
V1.3, 2015-02
4.5
System Parameters
The following parameters specify several aspects which are important when integrating
the XC223[04]L into an application system.
Note: These parameters are not subject to production test but verified by design and/or
characterization.
Note: Operating Conditions apply.
Table 24
Various System Parameters
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Short-term deviation of
internal clock source
frequency
1)
1) The short-term frequency deviation refers to a timeframe of a few hours and is measured relative to the current
frequency at the beginning of the respective timeframe. This parameter is useful to determine a time span for
re-triggering a LIN synchronization.
Δf
INT CC
-1
−
1%
ΔT
J = ≤ 10°C
Internal clock source
frequency
f
INT CC
4.8
5.0
5.2
MHz
Wakeup clock source
frequency
2)
2) This parameter is tested for the fastest and the slowest selection. The medium selections are not subject to
production test - verified by design/characterization.
f
WU CC
400
−
700
kHz
FREQSEL= 00
210
−
390
kHz
FREQSEL= 01
140
−
260
kHz
FREQSEL= 10
110
−
200
kHz
FREQSEL= 11
Startup time from power-
on with code execution
from Flash
t
SPO CC
1.4
1.9
2.4
ms
f
WU = 500 kHz
Startup time from stopover
mode with code execution
from PSRAM
t
SSO CC
11 /
f
WU
3)
3)
f
WU in MHz.
−
12 /
f
WU
3)
μs
Core voltage (PVC)
supervision level
V
PVC CC
V
LV -
0.03
V
LV
V
LV +
0.07
4)
V
5)
Supply watchdog (SWD)
supervision level
V
SWD
CC
V
LV -
0.10
6)
V
LV
V
LV +
0.15
V
voltage_range=
lower
5)
V
LV -
0.15
V
LV
V
LV +
0.15
V
voltage_range=
upper
5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com