Electronic Components Datasheet Search
  English  ▼

X  

AD6653 Datasheet(PDF) 47 Page - Analog Devices

Part # AD6653
Description  IF Diversity Receiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6653 Datasheet(HTML) 47 Page - Analog Devices

Back Button AD6653 Datasheet HTML 43Page - Analog Devices AD6653 Datasheet HTML 44Page - Analog Devices AD6653 Datasheet HTML 45Page - Analog Devices AD6653 Datasheet HTML 46Page - Analog Devices AD6653 Datasheet HTML 47Page - Analog Devices AD6653 Datasheet HTML 48Page - Analog Devices AD6653 Datasheet HTML 49Page - Analog Devices AD6653 Datasheet HTML 50Page - Analog Devices AD6653 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 80 page
background image
AD6653
Rev. 0 | Page 47 of 80
Addr.
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Default
Notes/
Comments
0x105
Coarse
Upper
Threshold
(Local)
Open
Open
Open
Open
Open
Coarse Upper Threshold[2:0]
0x00
0x106
Fine Upper
Threshold
Register 0
(Local)
Fine Upper Threshold[7:0]
0x00
0x107
Fine Upper
Threshold
Register 1
(Local)
Open
Open
Open
Fine Upper Threshold[12:8]
0x00
0x108
Fine Lower
Threshold
Register 0
(Local)
Fine Lower Threshold[7:0]
0x00
0x109
Fine Lower
Threshold
Register 1
(Local)
Open
Open
Open
Fine Lower Threshold[12:8]
0x00
0x10A
Increase
Gain Dwell
Time
Register 0
(Local)
Increase Gain Dwell Time[7:0]
0x00
In ADC clock
cycles
0x10B
Increase
Gain Dwell
Time
Register 1
(Local)
Increase Gain Dwell Time[15:8]
0x00
In ADC clock
cycles
0x10C
Signal
Monitor DC
Correction
Control
(Global)
Open
DC
correction
freeze
DC Correction Bandwidth(k:[3:0])
DC
correction
for signal
path
enable
DC
correction
for signal
monitor
enable
0x00
0x10D
Signal
Monitor
DC Value
Channel A
Register 0
(Global)
DC Value Channel A[7:0]
Read only
0x10E
Signal
Monitor
DC Value
Channel A
Register 1
(Global)
Open
Open
DC Value Channel A[13:8]
Read only
0x10F
Signal
Monitor
DC Value
Channel B
Register 0
(Global)
DC Value Channel B[7:0]
Read only
0x110
Signal
Monitor
DC Value
Channel B
Register 1
(Global)
Open
Open
DC Value Channel B[13:8]
Read only
0x111
Signal
Monitor
SPORT
Control
(Global)
Open
RMS
magnitude
output
enable
Peak
detector
output
enable
Threshold
crossing
output
enable
SPORT SMI SCLK divide
00 = Undefined
01 = divide by 2
10 = divide by 4
11 = divide by 8
SPORT
SMI SCLK
sleep
Signal
monitor
SPORT
output
enable
0x04
0x112
Signal
Monitor
Control
(Global)
Complex
power
calculation
mode
enable
Open
Open
Open
Signal
monitor
rms/ms
select
0 = rms
Signal monitor mode
00 = rms/ms magnitude
01 = peak detector
10 = threshold crossing
11 = threshold crossing
Signal
monitor
enable
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com