Electronic Components Datasheet Search
  English  ▼

X  

AD6653 Datasheet(PDF) 34 Page - Analog Devices

Part # AD6653
Description  IF Diversity Receiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6653 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD6653 Datasheet HTML 30Page - Analog Devices AD6653 Datasheet HTML 31Page - Analog Devices AD6653 Datasheet HTML 32Page - Analog Devices AD6653 Datasheet HTML 33Page - Analog Devices AD6653 Datasheet HTML 34Page - Analog Devices AD6653 Datasheet HTML 35Page - Analog Devices AD6653 Datasheet HTML 36Page - Analog Devices AD6653 Datasheet HTML 37Page - Analog Devices AD6653 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 80 page
background image
AD6653
Rev. 0 | Page 34 of 80
Table 16. FIR Filter Coefficients
Coefficient
Number
Normalized
Coefficient
Decimal Coefficient
(21-Bit)
C0, C65
0.0001826
383
C1, C64
0.0006824
1431
C2, C63
0.0009298
1950
C3, C62
0.0000458
96
C4, C61
−0.0012689
−2661
C5, C60
−0.0008345
−1750
C6, C59
0.0011806
2476
C7, C58
0.0011387
2388
C8, C57
−0.0018439
−3867
C9, C56
−0.0024557
−5150
C10, C55
0.0018063
3788
C11, C54
0.0035825
7513
C12, C53
−0.0021510
−4511
C13, C52
−0.0056810
−11914
C14, C51
0.0017405
3650
C15, C50
0.0078602
16484
C16, C49
−0.0013437
−2818
C17, C48
−0.0110626
−23200
C18, C47
−0.0000229
−48
C19, C46
0.0146618
30748
C20, C45
0.0018959
3976
C21, C44
−0.0195594
−41019
C22, C43
−0.0053153
−11147
C23, C42
0.0255623
53608
C24, C41
0.0104036
21818
C25, C40
−0.0341468
−71611
C26, C39
−0.0192165
−40300
C27, C38
0.0471258
98830
C28, C37
0.0354118
74264
C29, C36
−0.0728111
−152696
C30, C35
−0.0768890
−161248
C31, C34
0.1607208
337056
C32, C33
0.4396725
922060
SYNCHRONIZATION
The AD6653 half-band filters within a single part or across
multiple parts can be synchronized using the external SYNC
input. Bit 5 and Bit 6 of Register 0x100 allow the half-bands to
be resynchronized on every SYNC signal or only on the first
SYNC signal after the register is written. A valid SYNC causes
the half-band filter to restart at the programmed decimation
phase value.
COMBINED FILTER PERFORMANCE
The combined response of the half-band filter and the FIR filter
is shown in Figure 72. The act of bandlimiting the ADC data
with the half-band filter ideally provides a 3 dB improvement in
the SNR at the expense of the sample rate and available
bandwidth of the output data. As a consequence of finite math,
additional quantization noise is added to the system due to
truncation in the NCO and half-band. As a consequence of the
digital filter rejection of out-of-band noise (assuming no
quantization in the filters and with a white noise floor from the
ADC), there should be a 3.16 dB improvement in the ADC
SNR. However, the added quantization lessens improvement to
about 2.66 dB.
0
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.1
0.2
0.3
0.4
FRACTION OF INPUT SAMPLE RATE
Figure 72. Half-Band Filter and FIR Filter Composite Response
FINAL NCO
The output of the 32-bit fine tuning NCO is complex and
typically centered in frequency around dc. This complex output
is carried through the stages of the half-band and FIR filters to
provide proper antialiasing filtering. The final NCO provides a
means to move this complex output signal away from dc so that
a real output can be provided from the AD6653. The final NCO,
if enabled, translates the output from dc to a frequency equal to
the ADC sampling frequency divided by 8 (fADC/8). This provides
the user a decimated output signal centered at fADC/8 in frequency.
Optionally, this final NCO can be bypassed, and the dc-centered
I and Q values can be output in an interleaved fashion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com