Electronic Components Datasheet Search
  English  ▼

X  

AD6653 Datasheet(PDF) 48 Page - Analog Devices

Part # AD6653
Description  IF Diversity Receiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6653 Datasheet(HTML) 48 Page - Analog Devices

Back Button AD6653 Datasheet HTML 44Page - Analog Devices AD6653 Datasheet HTML 45Page - Analog Devices AD6653 Datasheet HTML 46Page - Analog Devices AD6653 Datasheet HTML 47Page - Analog Devices AD6653 Datasheet HTML 48Page - Analog Devices AD6653 Datasheet HTML 49Page - Analog Devices AD6653 Datasheet HTML 50Page - Analog Devices AD6653 Datasheet HTML 51Page - Analog Devices AD6653 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 80 page
background image
AD6653
Rev. 0 | Page 48 of 80
Addr.
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Default
Notes/
Comments
1 = ms
0x113
Signal
Monitor
Period
Register 0
(Global)
Signal Monitor Period[7:0]
0x80
In ADC clock
cycles
0x114
Signal
Monitor
Period
Register 1
(Global)
Signal Monitor Period[15:8]
0x00
In ADC clock
cycles
0x115
Signal
Monitor
Period
Register 2
(Global)
Signal Monitor Period[23:16]
0x00
In ADC clock
cycles
0x116
Signal
Monitor
Value
Channel A
Register 0
(Global)
Signal Monitor Result Channel A[7:0]
Read only
0x117
Signal
Monitor
Value
Channel A
Register 1
(Global)
Signal Monitor Result Channel A[15:8]
Read only
0x118
Signal
Monitor
Value
Channel A
Register 2
(Global)
Open
Open
Open
Open
Signal Monitor Result Channel A[19:16]
Read only
0x119
Signal
Monitor
Value
Channel B
Register 0
(Global)
Signal Monitor Result Channel B[7:0]
Read only
0x11A
Signal
Monitor
Value
Channel B
Register 1
(global)
Signal Monitor Result Channel B[15:8]
Read only
0x11B
Signal
Monitor
Value
Channel B
Register 2
(Global)
Open
Open
Open
Open
Signal Monitor Result Channel B[19:16]
Read only
0x11D
NCO
Control
(Global)
Open
Open
Open
Open
Open
NCO32
phase
dither
enable
NCO32
amplitude
dither
enable
NCO32
enable
0x00
0x11E
NCO
Frequency 0
NCO Frequency Value[7:0]
0x00
0x11F
NCO
Frequency 1
NCO Frequency Value[15:8]
0x00
0x120
NCO
Frequency 2
NCO Frequency Value[23:16]
0x00
0x121
NCO
Frequency 3
NCO Frequency Value[31:24]
0x00
0x122
NCO Phase
Offset 0
NCO Phase Value[7:0]
0x00
0x123
NCO Phase
Offset 1
NCO Phase Value[15:8]
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com