Electronic Components Datasheet Search
  English  ▼

X  

AD6653 Datasheet(PDF) 27 Page - Analog Devices

Part # AD6653
Description  IF Diversity Receiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6653 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD6653 Datasheet HTML 23Page - Analog Devices AD6653 Datasheet HTML 24Page - Analog Devices AD6653 Datasheet HTML 25Page - Analog Devices AD6653 Datasheet HTML 26Page - Analog Devices AD6653 Datasheet HTML 27Page - Analog Devices AD6653 Datasheet HTML 28Page - Analog Devices AD6653 Datasheet HTML 29Page - Analog Devices AD6653 Datasheet HTML 30Page - Analog Devices AD6653 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 80 page
background image
AD6653
Rev. 0 | Page 27 of 80
.0
If the internal reference of the AD6653 is used to drive multiple
converters to improve gain matching, the loading of the reference
by the other converters must be considered. Figure 54 depicts
how the internal reference voltage is affected by loading.
0
–1.25
02
LOAD CURRENT (mA)
–0.25
–0.50
–0.75
–1.00
0.5
1.0
1.5
VREF = 0.5V
VREF = 1.0V
Figure 54. VREF Accuracy vs. Load
External Reference Operation
The use of an external reference may be necessary to enhance
the gain accuracy of the ADC or improve thermal drift charac-
teristics. Figure 55 shows the typical drift characteristics of the
internal reference in both 1.0 V and 0.5 V modes.
2.5
–2.5
–40
TEMPERATURE (°C)
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–20
0
204060
80
Figure 55. Typical VREF Drift
When the SENSE pin is tied to AVDD, the internal reference
is disabled, allowing the use of an external reference. An internal
reference buffer loads the external reference with an equivalent
6 kΩ load (see Figure 18). The internal buffer generates the
positive and negative full-scale references for the ADC core.
Therefore, the external reference must be limited to a maximum
of 1.0 V.
CLOCK INPUT CONSIDERATIONS
For optimum performance, the AD6653 sample clock inputs,
CLK+ and CLK−, should be clocked with a differential signal.
The signal is typically ac-coupled into the CLK+ and CLK− pins
via a transformer or capacitors. These pins are biased internally
(see Figure 56) and require no external bias.
1.2V
AVDD
2pF
2pF
CLK–
CLK+
Figure 56. Equivalent Clock Input Circuit
Clock Input Options
The AD6653 has a very flexible clock input structure. Clock input
can be a CMOS, LVDS, LVPECL, or sine wave signal. Regardless
of the type of signal being used, the clock source jitter is of the
most concern, as described in the Jitter Considerations section.
Figure 57 and Figure 58 show two preferred methods for clocking
the AD6653 (at clock rates up to 625 MHz). A low jitter clock
source is converted from a single-ended signal to a differential
signal, using an RF transformer. The back-to-back Schottky diodes
across the transformer secondary limit clock excursions into the
AD6653 to approximately 0.8 V p-p differential. This helps prevent
the large voltage swings of the clock from feeding through to other
portions of the AD6653 while preserving the fast rise and fall
times of the signal, which are critical to low jitter performance.
0.1µF
0.1µF
0.1µF
0.1µF
SCHOTTKY
DIODES:
HSMS2822
CLOCK
INPUT
50Ω
100Ω
CLK–
CLK+
ADC
AD6653
Mini-Circuits®
ADT1–1WT, 1:1Z
XFMR
Figure 57. Transformer-Coupled Differential Clock (Up to 200 MHz)
0.1µF
0.1µF
1nF
CLOCK
INPUT
1nF
50Ω
CLK–
CLK+
ADC
AD6653
SCHOTTKY
DIODES:
HSMS2822
Figure 58. Balun-Coupled Differential Clock (Up to 625 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com