Electronic Components Datasheet Search
  English  ▼

X  

AD6653 Datasheet(PDF) 10 Page - Analog Devices

Part # AD6653
Description  IF Diversity Receiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6653 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD6653 Datasheet HTML 6Page - Analog Devices AD6653 Datasheet HTML 7Page - Analog Devices AD6653 Datasheet HTML 8Page - Analog Devices AD6653 Datasheet HTML 9Page - Analog Devices AD6653 Datasheet HTML 10Page - Analog Devices AD6653 Datasheet HTML 11Page - Analog Devices AD6653 Datasheet HTML 12Page - Analog Devices AD6653 Datasheet HTML 13Page - Analog Devices AD6653 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
AD6653
Rev. 0 | Page 10 of 80
TIMING SPECIFICATIONS
Table 5.
Parameter
Conditions
Min
Typ
Max
Unit
SYNC TIMING REQUIREMENTS
tSSYNC
SYNC to the rising edge of CLK setup time
0.24
ns
tHSYNC
SYNC to the rising edge of CLK hold time
0.4
ns
SPI TIMING REQUIREMENTS
tDS
Setup time between the data and the rising edge of SCLK
2
ns
tDH
Hold time between the data and the rising edge of SCLK
2
ns
tCLK
Period of the SCLK
40
ns
tS
Setup time between CSB and SCLK
2
ns
tH
Hold time between CSB and SCLK
2
ns
tHIGH
Minimum period that SCLK should be in a logic high state
10
ns
tLOW
Minimum period that SCLK should be in a logic low state
10
ns
tEN_SDIO
Time required for the SDIO pin to switch from an input to an output
relative to the SCLK falling edge
10
ns
tDIS_SDIO
Time required for the SDIO pin to switch from an output to an input
relative to the SCLK rising edge
10
ns
SPORT TIMING REQUIREMENTS
tCSSCLK
Delay from rising edge of CLK+ to rising edge of SMI SCLK
3.2
4.5
6.2
ns
tSSLKSDO
Delay from rising edge of SMI SCLK to SMI SDO
−0.4
0
+0.4
ns
tSSCLKSDFS
Delay from rising edge of SMI SCLK to SMI SDFS
−0.4
0
+0.4
ns
Timing Diagrams
tH
tS
CLK+
DECIMATED
CMOS DATA
DECIMATED
FD DATA
CHANNEL A/B
FD BITS
CHANNEL A/B
FD BITS
CHANNEL A/B
FD BITS
CHANNEL A/B
DATA BITS
CHANNEL A/B
DATA BITS
CHANNEL A/B
DATA BITS
CHANNEL A/B
FD BITS
CHANNEL A/B
FD BITS
CHANNEL A/B
FD BITS
DECIMATED
DCOA/DCOB
tPD
tDCO
Figure 2. Decimated Noninterleaved CMOS Mode Data and Fast Detect Output Timing (Fast Detect Mode Select Bits = 000)
tS
tPD
tDCO
tH
CLK+
DECIMATED
CMOS DATA
CHANNEL A/B
DATA BITS
CHANNEL A/B
DATA BITS
DECIMATED
FD DATA
CHANNEL A/B
FD BITS
CHANNEL A/B
FD BITS
DECIMATED
DCOA/DCOB
CHANNEL A/B
DATA BITS
CHANNEL A/B
FD BITS
Figure 3. Decimated Noninterleaved CMOS Mode Data and Fast Detect Output Timing (Fast Detect Mode Select Bits = 001 Through Fast Detect Mode Select Bits = 100)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com