Electronic Components Datasheet Search
  English  ▼

X  

AD6653 Datasheet(PDF) 23 Page - Analog Devices

Part # AD6653
Description  IF Diversity Receiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6653 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD6653 Datasheet HTML 19Page - Analog Devices AD6653 Datasheet HTML 20Page - Analog Devices AD6653 Datasheet HTML 21Page - Analog Devices AD6653 Datasheet HTML 22Page - Analog Devices AD6653 Datasheet HTML 23Page - Analog Devices AD6653 Datasheet HTML 24Page - Analog Devices AD6653 Datasheet HTML 25Page - Analog Devices AD6653 Datasheet HTML 26Page - Analog Devices AD6653 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 80 page
background image
AD6653
Rev. 0 | Page 23 of 80
12
0
2
4
6
8
10
OUTPUT CODE
N – 3
N – 2
N – 1
N
N + 1
N + 2
N + 3
0.21 LSB rms
Figure 43. AD6653 Grounded Input Histogram
90
85
80
75
70
65
DUTY CYCLE (%)
SFDR DCS ON
SNR DCS ON
SFDR DCS OFF
SNR DCS OFF
20
30
40
50
60
70
80
Figure 44. AD6653-150 SNR/SFDR vs. Duty Cycle with fIN = 30.3 MHz,
fNCO = 45 MHz
90
85
80
75
70
65
INPUT COMMON-MODE VOLTAGE (V)
SFDR
SNR
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Figure 45. AD6653-150 SNR/SFDR vs. Input Common Mode (VCM) with
fIN = 30.3 MHz, fNCO = 45 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com