Electronic Components Datasheet Search
  English  ▼

X  

ADS1291IRSMT Datasheet(PDF) 52 Page - Texas Instruments

Part # ADS1291IRSMT
Description  ADS129x Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1291IRSMT Datasheet(HTML) 52 Page - Texas Instruments

Back Button ADS1291IRSMT Datasheet HTML 48Page - Texas Instruments ADS1291IRSMT Datasheet HTML 49Page - Texas Instruments ADS1291IRSMT Datasheet HTML 50Page - Texas Instruments ADS1291IRSMT Datasheet HTML 51Page - Texas Instruments ADS1291IRSMT Datasheet HTML 52Page - Texas Instruments ADS1291IRSMT Datasheet HTML 53Page - Texas Instruments ADS1291IRSMT Datasheet HTML 54Page - Texas Instruments ADS1291IRSMT Datasheet HTML 55Page - Texas Instruments ADS1291IRSMT Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 83 page
background image
52
ADS1291, ADS1292, ADS1292R
SBAS502C – DECEMBER 2011 – REVISED APRIL 2020
www.ti.com
Product Folder Links: ADS1291 ADS1292 ADS1292R
Submit Documentation Feedback
Copyright © 2011–2020, Texas Instruments Incorporated
8.6.1 User Register Description
8.6.1.1 ID: ID Control Register (Factory-Programmed, Read-Only) (address = 00h)
This register is programmed during device manufacture to indicate device characteristics.
Figure 56. ID: ID Control Register (Factory-Programmed, Read-Only)
7
6
5
4
3
2
1
0
REV_ID7
REV_ID6
REV_ID5
1
0
0
REV_ID1
REV_ID0
Table 17. ID: ID Control Register (Factory-Programmed, Read-Only) Field Descriptions
Bits[7:5]
REV_ID[7:5]: Revision identification
000 = Reserved
001 = Reserved
010 = ADS1x9x device
011 = ADS1292R device
100 = Reserved
101 = Reserved
110 = Reserved
111 = Reserved
Bit 4
Reads high
Bits[3:2]
Reads low
Bits[1:0]
REV_ID[1:0]: Revision identification
00 = ADS1191
01 = ADS1192
10 = ADS1291
11 = ADS1292 and ADS1292R
8.6.1.2 CONFIG1: Configuration Register 1 (address = 01h)
This register configures each ADC channel sample rate.
Figure 57. CONFIG1: Configuration Register 1
7
6
5
4
3
2
1
0
SINGLE_SHOT
0
0
0
0
DR2
DR1
DR0
(1)
fCLK = 512 kHz and CLK_DIV = 0 or fCLK = 2.048 MHz and CLK_DIV = 1.
Table 18. CONFIG1: Configuration Register 1 Field Descriptions
Bit 7
SINGLE_SHOT: Single-shot conversion
This bit sets the conversion mode
0 = Continuous conversion mode (default)
1 = Single-shot mode
Bits[6:3]
Must be set to '0'
Bits[2:0]
DR[2:0]: Channel oversampling ratio
These bits determine the oversampling ratio of both channel 1 and channel 2.
BIT
OVERSAMPLING RATIO
DATA RATE(1)
000
fMOD / 1024
125 SPS
001
fMOD / 512
250 SPS
010
fMOD / 256
500 SPS (default)
011
fMOD / 128
1 kSPS
100
fMOD / 64
2 kSPS
101
fMOD / 32
4 kSPS
110
fMOD / 16
8 kSPS
111
Do not use
Do not use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com