Electronic Components Datasheet Search
  English  ▼

X  

ADS1291IRSMT Datasheet(PDF) 54 Page - Texas Instruments

Part # ADS1291IRSMT
Description  ADS129x Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1291IRSMT Datasheet(HTML) 54 Page - Texas Instruments

Back Button ADS1291IRSMT Datasheet HTML 50Page - Texas Instruments ADS1291IRSMT Datasheet HTML 51Page - Texas Instruments ADS1291IRSMT Datasheet HTML 52Page - Texas Instruments ADS1291IRSMT Datasheet HTML 53Page - Texas Instruments ADS1291IRSMT Datasheet HTML 54Page - Texas Instruments ADS1291IRSMT Datasheet HTML 55Page - Texas Instruments ADS1291IRSMT Datasheet HTML 56Page - Texas Instruments ADS1291IRSMT Datasheet HTML 57Page - Texas Instruments ADS1291IRSMT Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 83 page
background image
54
ADS1291, ADS1292, ADS1292R
SBAS502C – DECEMBER 2011 – REVISED APRIL 2020
www.ti.com
Product Folder Links: ADS1291 ADS1292 ADS1292R
Submit Documentation Feedback
Copyright © 2011–2020, Texas Instruments Incorporated
8.6.1.4 LOFF: Lead-Off Control Register (address = 03h)
This register configures the lead-off detection operation.
Figure 59. LOFF: Lead-Off Control Register
7
6
5
4
3
2
1
0
COMP_TH2
COMP_TH1
COMP_TH0
1
ILEAD_OFF1
ILEAD_OFF0
0
FLEAD_OFF
Table 20. LOFF: Lead-Off Control Register Field Descriptions
Bits[7:5]
COMP_TH[2:0]: Lead-off comparator threshold
These bits determine the lead-off comparator threshold. See the Lead-Off Detection subsection of the ECG-Specific
Functions section for a detailed description.
Comparator positive side
000 = 95% (default)
001 = 92.5%
010 = 90%
011 = 87.5%
100 = 85%
101 = 80%
110 = 75%
111 = 70%
Comparator negative side
000 = 5% (default)
001 = 7.5%
010 = 10%
011 = 12.5%
100 = 15%
101 = 20%
110 = 25%
111 = 30%
Bit 4
Must be set to '1'
Bits[3:2]
ILEAD_OFF[1:0]: Lead-off current magnitude
These bits determine the magnitude of current for the current lead-off mode.
00 = 6 nA (default)
01 = 22 nA
10 = 6 µA
11 = 22 µA
Bit 1
Must be set to '0'
Bit 0
FLEAD_OFF: Lead-off frequency
This bit selects ac or dc lead-off.
0 = At dc lead-off detect (default)
1 = At ac lead-off detect at fDR / 4 (500 Hz for an 2-kHz output rate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com