Electronic Components Datasheet Search
  English  ▼

X  

ADS1291IRSMT Datasheet(PDF) 59 Page - Texas Instruments

Part # ADS1291IRSMT
Description  ADS129x Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1291IRSMT Datasheet(HTML) 59 Page - Texas Instruments

Back Button ADS1291IRSMT Datasheet HTML 55Page - Texas Instruments ADS1291IRSMT Datasheet HTML 56Page - Texas Instruments ADS1291IRSMT Datasheet HTML 57Page - Texas Instruments ADS1291IRSMT Datasheet HTML 58Page - Texas Instruments ADS1291IRSMT Datasheet HTML 59Page - Texas Instruments ADS1291IRSMT Datasheet HTML 60Page - Texas Instruments ADS1291IRSMT Datasheet HTML 61Page - Texas Instruments ADS1291IRSMT Datasheet HTML 62Page - Texas Instruments ADS1291IRSMT Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 83 page
background image
59
ADS1291, ADS1292, ADS1292R
www.ti.com
SBAS502C – DECEMBER 2011 – REVISED APRIL 2020
Product Folder Links: ADS1291 ADS1292 ADS1292R
Submit Documentation Feedback
Copyright © 2011–2020, Texas Instruments Incorporated
8.6.1.9 LOFF_STAT: Lead-Off Status (address = 08h)
This register stores the status of whether the positive or negative electrode on each channel is on or off. See the
Lead-Off Detection subsection of the ECG-Specific Functions section for details. Ignore the LOFF_STAT values
if the corresponding LOFF_SENS bits are not set to '1'.
'0' is lead-on (default) and '1' is lead-off. When the LOFF_SENS bits[3:0] are '0', the LOFF_STAT bits should be
ignored.
Figure 64. LOFF_STAT: Lead-Off Status
7
6
5
4
3
2
1
0
0
CLK_DIV
0
RLD_STAT
(read only)
IN2N_OFF
(read only)
IN2P_OFF
(read only)
IN1N_OFF
(read only)
IN1P_OFF
(read only)
Table 25. LOFF_STAT: Lead-Off Status Field Descriptions
Bit 7
Must be set to '0'
Bit 6
CLK_DIV : Clock divider selection
This bit sets the modultar divider ratio between fCLK and fMOD. Two external clock values are supported: 512 kHz and
2.048 MHz.
0 = fMOD = fCLK / 4 (default, use when fCLK = 512 kHz)
1 = fMOD = fCLK / 16 (use when fCLK = 2.048 MHz)
Bit 5
Must be set to '0'
Bit 4
RLD_STAT: RLD lead-off status
This bit determines the status of RLD.
0 = RLD is connected (default)
1 = RLD is not connected
Bit 3
IN2N_OFF: Channel 2 negative electrode status
This bit determines if the channel 2 negative electrode is connected or not.
0 = Connected (default)
1 = Not connected
Bit 2
IN2P_OFF: Channel 2 positive electrode status
This bit determines if the channel 2 positive electrode is connected or not.
0 = Connected (default)
1 = Not connected
Bit 1
IN1N_OFF: Channel 1 negative electrode status
This bit determines if the channel 1 negative electrode is connected or not.
0 = Connected (default)
1 = Not connected
Bit 0
IN1P_OFF: Channel 1 positive electrode status
This bit determines if the channel 1 positive electrode is connected or not.
0 = Connected (default)
1 = Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com