Electronic Components Datasheet Search
  English  ▼

X  

ADS1291IRSMT Datasheet(PDF) 55 Page - Texas Instruments

Part # ADS1291IRSMT
Description  ADS129x Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1291IRSMT Datasheet(HTML) 55 Page - Texas Instruments

Back Button ADS1291IRSMT Datasheet HTML 51Page - Texas Instruments ADS1291IRSMT Datasheet HTML 52Page - Texas Instruments ADS1291IRSMT Datasheet HTML 53Page - Texas Instruments ADS1291IRSMT Datasheet HTML 54Page - Texas Instruments ADS1291IRSMT Datasheet HTML 55Page - Texas Instruments ADS1291IRSMT Datasheet HTML 56Page - Texas Instruments ADS1291IRSMT Datasheet HTML 57Page - Texas Instruments ADS1291IRSMT Datasheet HTML 58Page - Texas Instruments ADS1291IRSMT Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 83 page
background image
55
ADS1291, ADS1292, ADS1292R
www.ti.com
SBAS502C – DECEMBER 2011 – REVISED APRIL 2020
Product Folder Links: ADS1291 ADS1292 ADS1292R
Submit Documentation Feedback
Copyright © 2011–2020, Texas Instruments Incorporated
8.6.1.5 CH1SET: Channel 1 Settings (address = 04h)
This register configures the power mode, PGA gain, and multiplexer settings channels. See the Input Multiplexer
section for details.
Figure 60. CH1SET: Channel 1 Settings
7
6
5
4
3
2
1
0
PD1
GAIN1_2
GAIN1_1
GAIN1_0
MUX1_3
MUX1_2
MUX1_1
MUX1_0
(1)
When powering down channel 1, make sure the input multiplexer is set to input short configuration. Bits[3:0] = 001.
(2)
For channel 1, (MVDDP – MVDDN) is [0.5(AVDD + AVSS)]; for channel 2, (MVDDP – MVDDN) is DVDD / 4. Note that to avoid
saturating the PGA while measuring power supplies, the gain must be set to '1'.
Table 21. CH1SET: Channel 1 Settings Field Descriptions
Bit 7
PD1: Channel 1 power-down
0 = Normal operation (default)
1 = Channel 1 power-down(1)
Bits[6:4]
GAIN1[2:0]: Channel 1 PGA gain setting
These bits determine the PGA gain setting for channel 1.
000 = 6 (default)
001 = 1
010 = 2
011 = 3
100 = 4
101 = 8
110 = 12
Bits[3:0]
MUX1[3:0]: Channel 1 input selection
These bits determine the channel 1 input selection.
0000 = Normal electrode input (default)
0001 = Input shorted (for offset measurements)
0010 = RLD_MEASURE
0011 = MVDD(2) for supply measurement
0100 = Temperature sensor
0101 = Test signal
0110 = RLD_DRP (positive input is connected to RLDIN)
0111 = RLD_DRM (negative input is connected to RLDIN)
1000 = RLD_DRPM (both positive and negative inputs are connected to RLDIN)
1001 = Route IN3P and IN3N to channel 1 inputs
1010 = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com