Electronic Components Datasheet Search
  English  ▼

X  

AL58263 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL58263
Description  16-CHANNEL, 16-BIT PWM DIMMING LED DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL58263 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL58263 Datasheet HTML 1Page - Diodes Incorporated AL58263 Datasheet HTML 2Page - Diodes Incorporated AL58263 Datasheet HTML 3Page - Diodes Incorporated AL58263 Datasheet HTML 4Page - Diodes Incorporated AL58263 Datasheet HTML 5Page - Diodes Incorporated AL58263 Datasheet HTML 6Page - Diodes Incorporated AL58263 Datasheet HTML 7Page - Diodes Incorporated AL58263 Datasheet HTML 8Page - Diodes Incorporated AL58263 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
AL58263
Document number: DS46310 Rev. 4 - 2
4 of 29
www.diodes.com
September 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AL58263
Absolute Maximum Ratings
Symbol
Parameters
Ratings
Unit
VDD
Supply Voltage
-0.3 ~ 7.0
V
VDI, VDCK, VGCK, VLAT
Input Voltage
-0.3 ~ VDD+0.3
V
IOUT
Output Current
60
mA
VOUT
Output Voltage
-0.3 ~ 16
V
FDCK
Input Clock Frequency
25
MHz
FGCK
Input Grayscale Frequency
16
MHz
IGND
GND Terminal Current
960
mA
(1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These
are stress ratings only and functional operation of the device at these or any other condition beyond those specified is not supported.
(2) All voltage values are with respect to ground terminal.
(3) Operation at Tj(max) = 150°C may reduce the device reliability; therefore, the suggested junction temperature of the device is under 125°C.
ESD Ratings
Symbol
Parameter
Value
Unit
VESD
Human-Body Model (HBM)
2000
V
Charged-Device Model (CDM)
750
V
Package Thermal Data (Note 4)
Symbol
Thermal Resistance
Device
Unit
TSSOP-24EP (Type A1-B)
W-QFN4040-24/SWP (Type A1)
RƟJA
Junction-to-ambient thermal resistance
25.57
31.16
°C/W
RƟJC(top)
Junction-to-case (top) thermal resistance
14.47
17.25
°C/W
RƟJB
Junction-to-board thermal resistance
9.57
9.34
°C/W
ΨJT
Junction-to-top characterization parameter
0.33
0.41
°C/W
ΨJB
Junction-to-board characterization parameter
9.39
9.14
°C/W
RƟJC(bot)
Junction-to-case (bottom) thermal resistance
3.21
3.33
°C/W
Note:
4. Test condition: Device mounted on FR-4 PCB (51mm x 51mm 2oz copper, minimum recommended pad layout on top layer and thermal vias to bottom
layer with maximum area ground plane. For better thermal performance, larger copper pad for heat-sink is needed.
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Operating Supply Voltage
3.0
3.3
5.5
V
IOUT
Output Current (Note 5)
2
—
55
mA
VOUT
Output Voltage
1
—
15
V
TA
Ambient Temperature (Note 5)
-40
—
+105
°C
TJ
Junction Temperature
-40
—
+125
°C
Tstg
Storage Temperature
-55
—
+150
°C
Note:
5
. Dependent on ambient temperature, LED voltage, package thermal limitation, and PCB layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com