Electronic Components Datasheet Search
  English  ▼

X  

AL58263 Datasheet(PDF) 19 Page - Diodes Incorporated

Part # AL58263
Description  16-CHANNEL, 16-BIT PWM DIMMING LED DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL58263 Datasheet(HTML) 19 Page - Diodes Incorporated

Back Button AL58263 Datasheet HTML 15Page - Diodes Incorporated AL58263 Datasheet HTML 16Page - Diodes Incorporated AL58263 Datasheet HTML 17Page - Diodes Incorporated AL58263 Datasheet HTML 18Page - Diodes Incorporated AL58263 Datasheet HTML 19Page - Diodes Incorporated AL58263 Datasheet HTML 20Page - Diodes Incorporated AL58263 Datasheet HTML 21Page - Diodes Incorporated AL58263 Datasheet HTML 22Page - Diodes Incorporated AL58263 Datasheet HTML 23Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
AL58263
Document number: DS46310 Rev. 4 - 2
19 of 29
www.diodes.com
September 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AL58263
Functional Descriptions (continued)
Adaptive Pulse Density Modulation with Δ-Width Correction
Adaptive Pulse Density Modulation (APDM) is a technique to improve output current waveform distortion and increase visual refresh rate. The
adaptive output waveform is determined automatically by the grayscale value. When all outputs operate at high grayscale resolution (grayscale
resolution
≧ 50%), the output waveform is divided into 128 segments to increase visual refresh rate. Otherwise, the output waveform is divided
into 64 segments at a low grayscale resolution to improve output current waveform distortion. T
he Δ-width correction (Δ≠0) is used to compensate
the non-ideal output current transient response.
When CMD[12]=”0”, the output waveform operates according to APDM.
When CMD[12]=”1”, the output waveform is a form of non-scrambling PWM in order to drive high-power LEDs and decrease transient loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com