Electronic Components Datasheet Search
  English  ▼

X  

AL58263 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AL58263
Description  16-CHANNEL, 16-BIT PWM DIMMING LED DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL58263 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AL58263 Datasheet HTML 3Page - Diodes Incorporated AL58263 Datasheet HTML 4Page - Diodes Incorporated AL58263 Datasheet HTML 5Page - Diodes Incorporated AL58263 Datasheet HTML 6Page - Diodes Incorporated AL58263 Datasheet HTML 7Page - Diodes Incorporated AL58263 Datasheet HTML 8Page - Diodes Incorporated AL58263 Datasheet HTML 9Page - Diodes Incorporated AL58263 Datasheet HTML 10Page - Diodes Incorporated AL58263 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
AL58263
Document number: DS46310 Rev. 4 - 2
7 of 29
www.diodes.com
September 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AL58263
Switching Characteristics (VDD = 5.0V @TA = +25°C, unless otherwise specified.) (Guarantee by design)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Propagation Delay
(‘L to ‘H’)
DCK-DO
tpLH3
VIH = VDD
VIL = GND
Rrext = 560
VL =5.0 V
RL = 150
CL = 13 pF
⎯
30
35
ns
Propagation Delay
(‘H’ to ‘L’)
DCK-DO
tpHL3
⎯
30
35
Pulse Duration
LAT
tw(LAT)
50
⎯
⎯
GCK
tw(GCK)
20
⎯
⎯
DCK
tw(DCK)
20
⎯
⎯
Setup Time
LAT
tsu(LAT)
20
⎯
⎯
DI
tsu(D)
5
⎯
⎯
Hold Time
LAT
th(LAT)
20
⎯
⎯
DI
th(D)
5
⎯
⎯
Hold Time of Instruction
th(CM)
20
⎯
⎯
LED Error Detection Time
Terr1
100
⎯
⎯
Short-to-ground Detection Time
Terr3
160
⎯
⎯
Interval between two command pulses
tpls
230
250
⎯
Wake-up time from sleep or 0-data mode
Twake
⎯
⎯
4000
us
Data Clock Frequency
FDCK
⎯
⎯
25
MHz
Grayscale Clock Frequency (double-edge)
FGCK
⎯
⎯
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com