Electronic Components Datasheet Search
  English  ▼

X  

AL58263 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AL58263
Description  16-CHANNEL, 16-BIT PWM DIMMING LED DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL58263 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AL58263 Datasheet HTML 8Page - Diodes Incorporated AL58263 Datasheet HTML 9Page - Diodes Incorporated AL58263 Datasheet HTML 10Page - Diodes Incorporated AL58263 Datasheet HTML 11Page - Diodes Incorporated AL58263 Datasheet HTML 12Page - Diodes Incorporated AL58263 Datasheet HTML 13Page - Diodes Incorporated AL58263 Datasheet HTML 14Page - Diodes Incorporated AL58263 Datasheet HTML 15Page - Diodes Incorporated AL58263 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
AL58263
Document number: DS46310 Rev. 4 - 2
12 of 29
www.diodes.com
September 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AL58263
Functional Descriptions (continued)
Constant-Current Output
The current characteristics are maintained invariably in the influence of loading voltage. Therefore, the AL58263 can minimize the interference of
different LED forward voltages and produce constant current. The following figures illustrate the suitable output voltage that should be determined
to keep excellent performance.
M Y9262 Iout v.s. Vout Curve @ VDD=5.0V
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
Vout(V)
55mA
45mA
30mA
20mA
10mA
2mA
M Y9262 Iout v.s. Vout Curve @ VDD=3.3V
0
5
10
15
20
25
30
35
40
0.0
0.5
1.0
1.5
2.0
Vout(V)
35mA
30mA
20mA
10mA
2mA
AL58263 IOUT vs. Vout Curve @ VDD=5V
AL58263 IOUT vs. Vout Curve @ VDD=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com