Electronic Components Datasheet Search
  English  ▼

X  

AL58263 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AL58263
Description  16-CHANNEL, 16-BIT PWM DIMMING LED DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL58263 Datasheet(HTML) 5 Page - Diodes Incorporated

  AL58263 Datasheet HTML 1Page - Diodes Incorporated AL58263 Datasheet HTML 2Page - Diodes Incorporated AL58263 Datasheet HTML 3Page - Diodes Incorporated AL58263 Datasheet HTML 4Page - Diodes Incorporated AL58263 Datasheet HTML 5Page - Diodes Incorporated AL58263 Datasheet HTML 6Page - Diodes Incorporated AL58263 Datasheet HTML 7Page - Diodes Incorporated AL58263 Datasheet HTML 8Page - Diodes Incorporated AL58263 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AL58263
Document number: DS46310 Rev. 4 - 2
5 of 29
www.diodes.com
September 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AL58263
Electrical Characteristics (VDD=5.0V @TA = +25°C, unless otherwise specified.)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Input Voltage “H” Level
VIH
CMOS logic level
0.7VDD
⎯
VDD
V
Input Voltage “L” Level
VIL
CMOS logic level
GND
⎯
0.3VDD
Output Leakage Current
ILK
VOUT = 15 V
⎯
⎯
0.1
uA
Driving Current (DO)
IOL
VOL = 0.4V
1
3.4
5
mA
IOH
VOH= VDD-0.4
-5
-3.4
-1
Output Current Skew
(Channel-to-Channel) (Note 6)
dIOUT1
VOUT = 1.0 V
Rrext = 560
GCC=101011
⎯
1.5
3
%
Output Current Skew
(Chip-to-Chip) (Note 7)
dIOUT2
⎯
3
6
%
Output Current Skew
(Channel-to-Channel) (Note 6)
dIOUT3
VOUT = 1.0 V
Rrext = 7 K
GCC=101011
⎯
1.5
3
%
Output Current Skew
(Chip-to-Chip) (Note 7)
dIOUT4
⎯
3
6
%
Output Voltage Regulation (Note 8)
% / VOUT
Rrext = 560
VOUT = 1 V ~ 3 V
⎯
.0.1
.1
% / V
Supply Voltage Regulation (Note 9)
% / VDD
Rrext = 560
VDD = 3 V ~ 5.5 V
⎯
0.6
1
Supply Current (Note 10)
IDD1(off)
Rrext = 7 K
all outputs turn off
1
2.5
4
mA
IDD2(on)
Rrext = 7 K
all outputs turn on
1
2.5
4
IDD3(off)
Rrext = 560
all outputs turn off
1
5.5
7.5
IDD4(on)
Rrext = 560
all outputs turn on
1
5.5
7.5
Thermal alarm temperature
TAL
⎯
⎯
+155
⎯
°C
Thermal alarm temperature hysteresis
TAL_HYS
⎯
⎯
+15
⎯
°C
Notes:
6. Channel-to-channel skew is defined by the formula below:
( )
%
100
*
1
16
)
...
(
%
15
1
0
−
+
+
+
=
Iout
Iout
Iout
Iout
n
7. Chip-to-Chip skew is defined by the formula below:
( )
%
100
*
)
(
)
(
16
)
...
(
(
%
15
1
0
Current
Output
Ideal
Current
Output
Ideal
Iout
Iout
Iout
−
+
+
+
=
8. Output voltage regulation is defined by the formula below:
(
)
V
V
V
Vout
Iout
V
Vout
Iout
V
Vout
Iout
V
n
n
n
n
n
n
1
3
%
100
*
)
3
(@
)
1
(@
)
3
(@
/
%
−
=
=
−
=
=
9. Supply voltage regulation is defined by the formula below:
(
)
V
V
V
Vcc
Iout
V
V
Iout
V
V
Iout
V
n
DD
n
DD
n
3
5
.
5
%
100
*
)
3
(@
)
3
(@
)
5
.
5
(@
/
%
−
=
=
−
=
=
10. IO excluded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com