Electronic Components Datasheet Search
  English  ▼

X  

AL58263 Datasheet(PDF) 25 Page - Diodes Incorporated

Part # AL58263
Description  16-CHANNEL, 16-BIT PWM DIMMING LED DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL58263 Datasheet(HTML) 25 Page - Diodes Incorporated

Back Button AL58263 Datasheet HTML 21Page - Diodes Incorporated AL58263 Datasheet HTML 22Page - Diodes Incorporated AL58263 Datasheet HTML 23Page - Diodes Incorporated AL58263 Datasheet HTML 24Page - Diodes Incorporated AL58263 Datasheet HTML 25Page - Diodes Incorporated AL58263 Datasheet HTML 26Page - Diodes Incorporated AL58263 Datasheet HTML 27Page - Diodes Incorporated AL58263 Datasheet HTML 28Page - Diodes Incorporated AL58263 Datasheet HTML 29Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
AL58263
Document number: DS46310 Rev. 4 - 2
25 of 29
www.diodes.com
September 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AL58263
Functional Descriptions (continued)
Power Dissipation
When the 16 output channels are turned on, the practical power dissipation is determined by the following equation:
PD (practical) = VDD × IDD + Vout(0) × Iout(0) × Duty(0)+ … + Vout(N) × Iout(N) × Duty(N) , where N=1 to 15
In secure operating conditions, the power consumption of an integrated chip should be less than the maximum permissible power dissipation,
which is determined by package types and ambient temperature. The formula for maximum power dissipation is described as follows:
PD (max) =
Tj(max)(°C)– Ta(°C)
Rth(j-a)(°C/Watt)
The PD(max) declines as the ambient temperature raises. Therefore, suitable operating conditions should be designed with caution according to
the chosen package and the ambient temperature. The following figure illustrates the relation between the maximum power dissipation and the
ambient temperature in the two different packages.
Design Tools (Note 16)
•
AL58263EV1, AL58263EV2 Demo Board
•
Demo Board Gerber File for PCB Layout Reference
•
Design Calculator
Note:
16
. Diodes’ design tools can be found on our website at https://www.diodes.com/design/tools/.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com