Electronic Components Datasheet Search
  English  ▼

X  

AL58263 Datasheet(PDF) 28 Page - Diodes Incorporated

Part # AL58263
Description  16-CHANNEL, 16-BIT PWM DIMMING LED DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL58263 Datasheet(HTML) 28 Page - Diodes Incorporated

Back Button AL58263 Datasheet HTML 21Page - Diodes Incorporated AL58263 Datasheet HTML 22Page - Diodes Incorporated AL58263 Datasheet HTML 23Page - Diodes Incorporated AL58263 Datasheet HTML 24Page - Diodes Incorporated AL58263 Datasheet HTML 25Page - Diodes Incorporated AL58263 Datasheet HTML 26Page - Diodes Incorporated AL58263 Datasheet HTML 27Page - Diodes Incorporated AL58263 Datasheet HTML 28Page - Diodes Incorporated AL58263 Datasheet HTML 29Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
AL58263
Document number: DS46310 Rev. 4 - 2
28 of 29
www.diodes.com
September 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AL58263
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
TSSOP-24EP (Type A1-B)
C
X
Y1
Y
C1
X1
Dimensions
Value
(in mm)
C
0.650
C1
5.600
X
0.400
X1
4.225
Y
1.800
Y1
2.640
W-QFN4040-24/SWP (Type A1)
C
X1
Y3
Y1
X2
C
X
Y2
X3
Y1
Dimensions
Value
(in mm)
C
0.500
X
0.300
X1
0.750
X2
2.500
X3
3.850
Y
0.750
Y1
0.300
Y2
2.500
Y3
3.850
Tape and Reel Information
Please see https://www.diodes.com/assets/Packaging-Support-Docs/AP02007.pdf for tape and reel details.
Mechanical Data
Package: TSSOP-24EP (Type A1-B)
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish
– Matte Tin Plated Leads, Solderable per MIL-STD-202, Method 208
•
Weight: 0.096 grams (Approximate)
Package: W-QFN4040-24/SWP (Type A1)
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish
– Matte Tin Plated Leads, Solderable per JESD22-B102
•
Weight: 0.037 grams (Approximate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com