Electronic Components Datasheet Search
  English  ▼

X  

AL58263 Datasheet(PDF) 20 Page - Diodes Incorporated

Part # AL58263
Description  16-CHANNEL, 16-BIT PWM DIMMING LED DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL58263 Datasheet(HTML) 20 Page - Diodes Incorporated

Back Button AL58263 Datasheet HTML 16Page - Diodes Incorporated AL58263 Datasheet HTML 17Page - Diodes Incorporated AL58263 Datasheet HTML 18Page - Diodes Incorporated AL58263 Datasheet HTML 19Page - Diodes Incorporated AL58263 Datasheet HTML 20Page - Diodes Incorporated AL58263 Datasheet HTML 21Page - Diodes Incorporated AL58263 Datasheet HTML 22Page - Diodes Incorporated AL58263 Datasheet HTML 23Page - Diodes Incorporated AL58263 Datasheet HTML 24Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
AL58263
Document number: DS46310 Rev. 4 - 2
20 of 29
www.diodes.com
September 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AL58263
Functional Descriptions
– Diagnosis and Protections
Error Detection Mode Instructions
Instruction Name
Number of DI Pulses
when LAT is at High
Function Description
LED Open Detection
2
Execute the LED Open Detection no matter what the image
data is. The image strobe will occur at the falling edge of LAT
signal.
LED Short Detection
4
Execute the LED Short Detection no matter what the image
data is. The image strobe will occur at the falling edge of LAT
signal.
Short-to-GND Detection
6
Execute the Short-to-GND Detection no matter what the
image data is. The device will detect each IOUT pin if short-
to-ground or not. The image strobe will occur at the falling
edge of LAT signal.
Thermal Detection &
Watchdog Result Read Out
8
The device will load thermal detection result and watchdog
detection result into the 16th and 1st image shift register by
this instruction. The thermal error occurs when the junction
temperature is over 155oC.
LED Smart Detection
10
Execute the LED Smart Detection no matter what the image
data is. The device will detect LED Open and LED Short error
simultaneously by this instruction. The image strobe will
occur at the falling edge of LAT signal.
Sleep Mode
12
This instruction forces the device into Sleep Mode at the
falling edge of LAT signal, then keeps GCK=high most
internal circuits will shutdown. The device will be activated in
the following LAT signal.
REXT Pin Detection &
Watchdog Result Read Out
14
The device will load REXT detection result and watchdog
detection result into the 16th and 1st image shift register by
this instruction. The REXT error occurs when the REXT pin is
short-to-GND or above 2.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com