Electronic Components Datasheet Search
  English  ▼

X  

AL58263 Datasheet(PDF) 27 Page - Diodes Incorporated

Part # AL58263
Description  16-CHANNEL, 16-BIT PWM DIMMING LED DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL58263 Datasheet(HTML) 27 Page - Diodes Incorporated

Back Button AL58263 Datasheet HTML 21Page - Diodes Incorporated AL58263 Datasheet HTML 22Page - Diodes Incorporated AL58263 Datasheet HTML 23Page - Diodes Incorporated AL58263 Datasheet HTML 24Page - Diodes Incorporated AL58263 Datasheet HTML 25Page - Diodes Incorporated AL58263 Datasheet HTML 26Page - Diodes Incorporated AL58263 Datasheet HTML 27Page - Diodes Incorporated AL58263 Datasheet HTML 28Page - Diodes Incorporated AL58263 Datasheet HTML 29Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
AL58263
Document number: DS46310 Rev. 4 - 2
27 of 29
www.diodes.com
September 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AL58263
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
TSSOP-24EP (Type A1-B)
A2
PIN 1 ID
E1
A
A1
b
D2
E2
e
D
E
0
0.10
H
c
L
S
0.25
L1
Seating Plane
Gauge Plane
TSSOP-24EP (Type A1-B)
Dim
Min
Max
Typ
A
--
1.20
--
A1
0.00
0.15
--
A2
0.80
1.05
1.00
b
0.19
0.30
--
c
0.09
0.20
--
D
7.70
7.90
7.80
D2
3.70
4.62
--
E
6.40 BSC
E1
4.30
4.50
4.40
E2
2.28
2.85
--
e
0.65 BSC
L
0.45
0.75
060
L1
1.00 REF
S
0.20
--
--
θ
0°
8°
--
All Dimensions in mm
W-QFN4040-24/SWP (Type A1)
L
k
b
e
D
E
A
A1
A3
C0.35x45°
D2
E2
C
L
0.203 REF
0.100 REF
0.05 REF
Terminal Cross Section
DETAIL A
Detail A
W-QFN4040-24/SWP
(Type A1)
Dim
Min Max
Typ
A
0.70 0.80
0.75
A1
0.00 0.05
0.02
A3
0.203 REF
b
0.18 0.30
0.25
D
3.90 4.10
4.00
D2
2.45 2.55
2.50
E
3.90 4.10
4.00
E2
2.45 2.55
2.50
e
0.50 BSC
k
0.20
--
--
L
0.35 0.45
0.40
All Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com