Electronic Components Datasheet Search
  English  ▼

X  

AL58263 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AL58263
Description  16-CHANNEL, 16-BIT PWM DIMMING LED DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL58263 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AL58263 Datasheet HTML 12Page - Diodes Incorporated AL58263 Datasheet HTML 13Page - Diodes Incorporated AL58263 Datasheet HTML 14Page - Diodes Incorporated AL58263 Datasheet HTML 15Page - Diodes Incorporated AL58263 Datasheet HTML 16Page - Diodes Incorporated AL58263 Datasheet HTML 17Page - Diodes Incorporated AL58263 Datasheet HTML 18Page - Diodes Incorporated AL58263 Datasheet HTML 19Page - Diodes Incorporated AL58263 Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
AL58263
Document number: DS46310 Rev. 4 - 2
16 of 29
www.diodes.com
September 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AL58263
Functional Descriptions (continued)
Command Data Format
CMD Bit
Initial Value
Value
Function
Description
CMD[15]
1’b0
1’b0
Mode0
Data transmitting Format:
15 times of data latch + one global latch
1’b1
Mode1
Data transmitting Format:
16 times of data latch + one global latch
CMD[14]
1’b0
1’b0
Enable
When the voltage of REXT is below 0.15V,
all outputs will be forced off.
1’b1
Disable
Disable
CMD[13]
1’b0
1’b0
External GCK
The GCK signal stems from an external source
1’b1
Internal GCK
The GCK signal stems from an internal
oscillator, 1.5MHz.
(When CMD[13]=”1”,please set CMD[0]=“0”)
CMD[12]
1’b0
1’b0
APDM mode
Enter the PWM mode to abate the transient
loss when AL58263 is as a PWM generator
when CMD[12]=1’b0 => APDM mode
when CMD[12]=1’b1 => PWM mode
1’b1
PWM mode
CMD[11]
1’b0
1’b0
Disable
Disable
1’b1
Enable
Execute counter reset by inserting 12 or 13
DCKs (rising edge) when LAT keeps at high
CMD[10]
1’b0
1’b0
Auto
Synchronization
When the device receives a latch signal, the new frame
is updated until the end of old frame
1’b1
Manual
Synchronization
When the device receives a latch signal,
the new frame is updated immediately
CMD[9:4]
6’b101011
6’b000000~
6’b111111
G.C.C
6-bit DA data for global current control
(allow 64-step programmable current gain)
CMD[3:2]
2’b00
2’b00
2’b01
2’b10
2’b11
2.0V
3.0V
4.0V
4.5V
Threshold voltage for LED short detection
(both at VDD = 5V and 3.3V)
CMD[1]
1’b0
1’b0
Disable
Enter 0-data power saving mode
when 16bits PWM data of 16ch are all zeros
1’b1
Enable
CMD[0]
1’b0
1’b0
Disable
GCK watchdog
All IOUTs will be turned off automatically when GCK
keeps high or low level over 30ms.
(Result can be read out by “Thermal Detection Mode” or
“Rext Detection Mode”)
1’b1
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com