Electronic Components Datasheet Search
  English  ▼

X  

AL58263 Datasheet(PDF) 18 Page - Diodes Incorporated

Part # AL58263
Description  16-CHANNEL, 16-BIT PWM DIMMING LED DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL58263 Datasheet(HTML) 18 Page - Diodes Incorporated

Back Button AL58263 Datasheet HTML 14Page - Diodes Incorporated AL58263 Datasheet HTML 15Page - Diodes Incorporated AL58263 Datasheet HTML 16Page - Diodes Incorporated AL58263 Datasheet HTML 17Page - Diodes Incorporated AL58263 Datasheet HTML 18Page - Diodes Incorporated AL58263 Datasheet HTML 19Page - Diodes Incorporated AL58263 Datasheet HTML 20Page - Diodes Incorporated AL58263 Datasheet HTML 21Page - Diodes Incorporated AL58263 Datasheet HTML 22Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
AL58263
Document number: DS46310 Rev. 4 - 2
18 of 29
www.diodes.com
September 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AL58263
Functional Descriptions (continued)
Data Synchronization
Auto Synchronization ( CMD[10
]=“0” )
The AL58263 can abate grayscale loss during the frame renewal by using auto synchronization. When the command bit CMD[10] is set to
”0”, this
function can be executed automatically. After a global latch, all OUTs can accomplish a complete frame of old data and then update new frame
data. Therefore, each frame maintains a fixed time and assigned grayscale. A controller just provides a free-running GCK for grayscale display in
this mode.
Manual Synchronization ( CMD[10
]=“1” )
When the command bit CMD[10] is set to
”1”, the new frame data can be updated immediately. The old frame may lose a small amount of
grayscale due to a non-complete frame time. In this mode, the controller must calculate carefully the number of GCKs in order to synchronize a
frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com