Electronic Components Datasheet Search
  English  ▼

X  

BQ25882 Datasheet(PDF) 24 Page - Texas Instruments

Part # BQ25882
Description  BQ25883 2-Cell, 2-A Boost-Mode Battery Charger With Power Path, USB On-The-Go Boost (OTG) For USB Input
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25882 Datasheet(HTML) 24 Page - Texas Instruments

Back Button BQ25882 Datasheet HTML 20Page - Texas Instruments BQ25882 Datasheet HTML 21Page - Texas Instruments BQ25882 Datasheet HTML 22Page - Texas Instruments BQ25882 Datasheet HTML 23Page - Texas Instruments BQ25882 Datasheet HTML 24Page - Texas Instruments BQ25882 Datasheet HTML 25Page - Texas Instruments BQ25882 Datasheet HTML 26Page - Texas Instruments BQ25882 Datasheet HTML 27Page - Texas Instruments BQ25882 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 86 page
background image
Regulation Voltage
VREG[7:0]
Charge Current
ICHG[5:0]
VBATLOWV
VBAT_SHORT
IPRECHG[3:0]
ITERM[3:0]
IBAT_SHORT
Battery Voltage
Charge Current
Trickle Charge
Pre-charge
Fast-Charge
CC
Top-off Timer
(optional)
CHRG_STAT[2:0]
001
010
011
101
Taper-Charge
CV
100
110
Precharge Timer
(2hrs)
Safety Timer
CHG_TIMER[1:0]
24
BQ25883
SLUSDL3A – FEBRUARY 2019 – REVISED APRIL 2019
www.ti.com
Product Folder Links: BQ25883
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table 6. Default Charging Current Setting (continued)
VBAT
CHARGING CURRENT
REGISTER DEFAULT SETTING
CHRG_STAT
> VBAT_LOWV
ICHG
1500 mA
011
If the charger device is in DPM regulation or thermal regulation during charging, the actual charging current will
be less than the programmed value. In this case, termination is temporarily disabled and the charging safety
timer is counted at half the clock rate, as explained in the Charging Safety Timer section.
Figure 19. Battery Charging Profile
8.3.7.3 Charging Termination
The device terminates a charge cycle when the battery voltage is above recharge threshold, and the current is
below termination current. After the charging cycle is completed, the BATFET turns off. The converter keeps
running to power the system, and BATFET can turn on again to engage Supplement Mode.
When termination occurs, the STAT pin goes HIGH (charge current will continue to taper if top-off timer is
enabled), status register CHRG_STAT is set to 110, and an INT pulse is asserted to the host. Termination is
temporarily disabled when the charger device is in input current, voltage or thermal regulation. Termination can
be permanently disabled by writing 0 to EN_TERM bit prior to charge termination.
At low termination currents (50mA-100mA), due to the comparator offset, the actual termination current may be
up to 20% higher than the termination target. In order to compensate for comparator offset, a programmable top-
off timer (default disabled) can be applied after termination is detected.The top-off timer will follow safety timer
constraints, such that if safety timer is suspended, so will the top-off timer. Similarly, if safety timer is doubled, so
will the top-off timer. CHRG_STAT reports whether the top off timer is active via the 101 code. Once the Top-Off
timer expires, the CHRG_STAT register is set to 110 and an INT pulse is asserted to the host.
Top-off timer gets reset (set to 0 and counting resumes when appropriate) for any of the following conditions:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com