Electronic Components Datasheet Search
  English  ▼

X  

BQ25882 Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ25882
Description  BQ25883 2-Cell, 2-A Boost-Mode Battery Charger With Power Path, USB On-The-Go Boost (OTG) For USB Input
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25882 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ25882 Datasheet HTML 7Page - Texas Instruments BQ25882 Datasheet HTML 8Page - Texas Instruments BQ25882 Datasheet HTML 9Page - Texas Instruments BQ25882 Datasheet HTML 10Page - Texas Instruments BQ25882 Datasheet HTML 11Page - Texas Instruments BQ25882 Datasheet HTML 12Page - Texas Instruments BQ25882 Datasheet HTML 13Page - Texas Instruments BQ25882 Datasheet HTML 14Page - Texas Instruments BQ25882 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 86 page
background image
11
BQ25883
www.ti.com
SLUSDL3A – FEBRUARY 2019 – REVISED APRIL 2019
Product Folder Links: BQ25883
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
VVBUS_UVLO_RISING< VVBUS < VVBUS_OV, TJ = -40°C to+125°C, and TJ = 25°C for typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
IBUS_ADC_RANGE
ADC BUS current range
0
4
A
IBUS_ADC_LSB
ADC BUS current LSB
1
mA
IBAT_ADC_RANGE
ADC BAT current range
0
4
A
IBAT_ADC_LSB
ADC BAT current LSB
1
mA
VBUS_ADC_RANGE
ADC BUS voltage range
0
6.5
V
VBUS_ADC_LSB
ADC BUS voltage LSB
1
mV
VSYS_ADC_RANGE
ADC SYS voltage range
0
10
V
VSYS_ADC_LSB
ADC SYS voltage LSB
1
mV
VBAT_ADC_RANGE
ADC BAT voltage range
0
10
V
VBAT_ADC_LSB
ADC BAT voltage LSB
1
mV
VTS_ADC_RANGE
ADC TS voltage range
20
80
%
VTS_ADC_LSB
ADC TS voltage LSB
0.098
%
VTDIE_ADC_RANGE
ADC Die temperature range
0
150
°C
VTDIE_ADC_LSB
ADC Die temperature LSB
0.5
°C
I2C INTERFACE (SCL, SDA)
VIH
Input high threshold level, SDA and
SCL
Pull-up rail 1.8 V
1.3
V
VIL
Input low threshold level
Pull-up rail 1.8 V
0.4
V
VOL
Output low threshold level
Sink current = 5 mA
0.4
V
IBIAS
High level leakage current
Pull-up rail 1.8 V
1
uA
LOGIC I/O PIN (/CE)
VIH_CEZ
Input high threshold level, /CE
1.3
V
VIL_CEZ
Input low threshold level, /CE
0.4
V
IIN_BIAS_CEZ
High level leakage current, /CE
Pull-up rail 1.8 V
2.5
uA
LOGIC O PIN (/INT, /PG, STAT)
VOL
Output low threshold level
Sink current = 5 mA
0.4
V
IOUT_BIAS
High level leakage current
Pull-up rail 1.8 V
1
µA
7.6 Timing Requirements
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX UNIT
VBUS/BAT POWER UP
tVBUS_OV
VBUS OVP reaction time
VBUS rising above VBUS_OV threshold to
converter turn off
200
ns
tPOORSRC
Bad adapter detection duration
30
ms
BATTERY CHARGER
tTERM_DGL
Deglitch time for charge termination
Charge current falling below ITERM
250
ms
tRECGH_DGL
Deglitch time for recharge threshold
BAT voltage falling below VRECHG = 100
mV
250
ms
tBAT_OVP_DGL
Deglitch time for battery over-voltage
to disable charge
1
µs
tTOP_OFF
Typical Top-Off Timer Accuracy
TOP_OFF_TIMER = 30 min
24
30
36
min
tSAFETY
Charge Safety Timer Accuracy
CHG_TIMER = 12 hours
10.8
12
13.2
hr
I2C INTERFACE
fSCL
SCL clock frequency
1000
kHZ
tSU_STA
Data set-up time
10
ns
tHD_DAT
Data hold time
0
70
ns
trDA
Rise time of SDA signal
10
80
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com