Electronic Components Datasheet Search
  English  ▼

X  

BQ25882 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ25882
Description  BQ25883 2-Cell, 2-A Boost-Mode Battery Charger With Power Path, USB On-The-Go Boost (OTG) For USB Input
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25882 Datasheet(HTML) 1 Page - Texas Instruments

  BQ25882 Datasheet HTML 1Page - Texas Instruments BQ25882 Datasheet HTML 2Page - Texas Instruments BQ25882 Datasheet HTML 3Page - Texas Instruments BQ25882 Datasheet HTML 4Page - Texas Instruments BQ25882 Datasheet HTML 5Page - Texas Instruments BQ25882 Datasheet HTML 6Page - Texas Instruments BQ25882 Datasheet HTML 7Page - Texas Instruments BQ25882 Datasheet HTML 8Page - Texas Instruments BQ25882 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
VBUS
BAT
SYSTEM
LOAD
PMID
SW
BTST
REGN
SYS
`
BQ25883
USB
STAT
6.0V to 8.8V
TS
5V @ 3A
ICHG=2A
D+
ILIM
GND
D±
Host
SDA
CE
SCL
VREF
INT
PG
VREF
VREGN
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
BQ25883
SLUSDL3A – FEBRUARY 2019 – REVISED APRIL 2019
BQ25883 2-Cell, 2-A Boost-Mode Battery Charger With Power Path, USB On-The-Go Boost
(OTG) For USB Input
1
1 Features
1
•
High-efficiency 2-A, 1.5MHz switch mode boost
charger
–
93.4% Charge efficiency at 5V adapter, 7.6-V
battery, 1-A charge
–
Optimized for USB input and 2-cell Li-Ion
battery
–
Selectable low power PFM mode for light load
operation
•
Single input to support USB input adapters
–
Supports 3.9 V – 6.2 V input voltage range
with 20-V absolute maximum input voltage
rating
–
Input current limit (500 mA to 3.3 A with 100-
mA resolution) to support USB2.0, USB3.0
standard adapters
–
Maximum power tracking by input voltage limit
up-to 5.5 V
–
Integrated USB D+/D- auto-detect USB SDP,
CDP, DCP, and non-standard adapters
•
Power path management and I2C control
–
Highest battery discharge efficiency with 17m
Ω
battery discharge MOSFET
–
Narrow VDC (NVDC) power path management
–
Instant-on system on with no battery or
deeply discharged battery
–
Ideal diode operation in battery supplement
mode
•
USB on-the-go (OTG) with adjustable output from
4.5V to 5.5V
–
Buck converter with up-to 2 A output
–
94% Efficiency at 5 V, 1 A output
–
Accurate constant current (CC) regulation and
output short protection
–
Selectable low power PFM mode for light load
operation with out-of-audio option
•
Input current optimizer (ICO) to maximize input
power without overloading adapters
•
Integrated 16-bit ADC for system monitoring (BUS
voltage and current, each cell voltage, charge
current, SYS voltage, and NTC and die
temperature)
•
High integration includes all MOSFETs, current
sensing and loop compensation
•
High accuracy
–
±0.5% Charge voltage regulation
–
±5% Charge current regulation
–
±7.5% Input current regulation
•
Safety
–
Battery temperature sensing in charge and
OTG buck mode
–
Thermal regulation and thermal shutdown
2 Applications
•
Bluetooth speaker
•
EPOS Printer
•
Portable POS
•
Wireless security camera
3 Description
The BQ25883 is a highly-integrated 2-A boost switch-
mode battery charge management and system power
path management device for 2-cell (2s) Li-Ion and Li-
polymer battery. The BQ25883 has I2C control with
OTG and power path.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
BQ25883
VQFN (24)
4.00 mm x 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - BQ25882

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25882 TI1-BQ25882 Datasheet
203Kb / 8P
I2C Controlled, 2-Cell, 2-A Boost-Mode Battery Charger for USB Input
BQ25882 TI1-BQ25882 Datasheet
204Kb / 9P
I2C Controlled, 2-Cell, 2-A Boost-Mode Battery Charger for USB Input
BQ25882 TI2-BQ25882 Datasheet
3Mb / 43P
BQ25886 Standalone 2-Cell, 2-A Boost-Mode Battery Charger With PowerPath, USB BC1.2 Detection, and USB On-The-Go Boost (OTG)
REVISED JUNE 2019
BQ25882YFFR TI1-BQ25882YFFR Datasheet
203Kb / 8P
I2C Controlled, 2-Cell, 2-A Boost-Mode Battery Charger for USB Input
BQ25882YFFR TI1-BQ25882YFFR Datasheet
204Kb / 9P
I2C Controlled, 2-Cell, 2-A Boost-Mode Battery Charger for USB Input
More results

Similar Description - BQ25882

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25890 TI1-BQ25890_16 Datasheet
1Mb / 69P
Adjustable Voltage USB On-the-Go Boost Mode
BQ25882 TI1-BQ25882 Datasheet
203Kb / 8P
I2C Controlled, 2-Cell, 2-A Boost-Mode Battery Charger for USB Input
BQ25882 TI1-BQ25882_18 Datasheet
204Kb / 9P
I2C Controlled, 2-Cell, 2-A Boost-Mode Battery Charger for USB Input
BQ25881 TI1-BQ25881 Datasheet
1Mb / 6P
2-Cell, 2-A Boost-Mode Battery Charger with I2C, Power Path, OTG for USB Input in QFN Package
BQ25883 TI1-BQ25883 Datasheet
2Mb / 79P
2-Cell, 2-A boost-mode battery charger with power path, USB on-the-go boost (OTG) for USB input
BQ25887 TI1-BQ25887 Datasheet
2Mb / 79P
I2C Controlled 2-Cell, 2-A boost-mode battery charger with power path cell balancing for USB input
BQ25883 TI1-BQ25883_19 Datasheet
3Mb / 86P
2-Cell, 2-A Boost-Mode Battery Charger With Power Path, USB On-The-Go Boost (OTG) For USB Input
BQ25886 TI1-BQ25886 Datasheet
2Mb / 37P
Standalone 2-Cell, 2-A boost-mode battery charger with power path, USB BC1.2 detection, and USB on-the-go boost (OTG)
BQ25887_1904 TI1-BQ25887_1904 Datasheet
2Mb / 83P
I2C Controlled 2-Cell, 2-A boost-mode battery charger with power path cell balancing for USB input
BQ25886_1905 TI1-BQ25886_1905 Datasheet
2Mb / 37P
Standalone 2-Cell, 2-A boost-mode battery charger with power path, USB BC1.2 detection, and USB on-the-go boost (OTG)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com