Electronic Components Datasheet Search
  English  ▼

X  

BQ25882 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ25882
Description  BQ25883 2-Cell, 2-A Boost-Mode Battery Charger With Power Path, USB On-The-Go Boost (OTG) For USB Input
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25882 Datasheet(HTML) 3 Page - Texas Instruments

  BQ25882 Datasheet HTML 1Page - Texas Instruments BQ25882 Datasheet HTML 2Page - Texas Instruments BQ25882 Datasheet HTML 3Page - Texas Instruments BQ25882 Datasheet HTML 4Page - Texas Instruments BQ25882 Datasheet HTML 5Page - Texas Instruments BQ25882 Datasheet HTML 6Page - Texas Instruments BQ25882 Datasheet HTML 7Page - Texas Instruments BQ25882 Datasheet HTML 8Page - Texas Instruments BQ25882 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 86 page
background image
3
BQ25883
www.ti.com
SLUSDL3A – FEBRUARY 2019 – REVISED APRIL 2019
Product Folder Links: BQ25883
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
5 Device Comparison Table
Table 1. Device Comparison
PART NUMBER
BQ25882
BQ25883
BQ25886
BQ25887
VBUS Operating Range
3.9 to 6.2 V
3.9 to 6.2 V
4.3 to 6.2 V
3.9 to 6.2 V
USB Detection
D+/D-
D+/D-
D+/D-
PSEL
Power Path
Yes
Yes
Yes
No
Cell Balancing
No
No
No
Yes
OTG
Up to 2 A
Up to 2 A
Up to 2 A
No OTG
16 bit ADC
Yes
Yes
No
Yes
Control Interface
I2C
I2C
Standalone
I2C
Status Pin
/PG
STAT, /PG
STAT, /PG
STAT, /PG
Package
2.1x2.1 WCSP-25
4x4 QFN-24
4x4 QFN-24
4x4 QFN-24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com