Electronic Components Datasheet Search
  English  ▼

X  

BQ25882 Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ25882
Description  BQ25883 2-Cell, 2-A Boost-Mode Battery Charger With Power Path, USB On-The-Go Boost (OTG) For USB Input
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25882 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ25882 Datasheet HTML 3Page - Texas Instruments BQ25882 Datasheet HTML 4Page - Texas Instruments BQ25882 Datasheet HTML 5Page - Texas Instruments BQ25882 Datasheet HTML 6Page - Texas Instruments BQ25882 Datasheet HTML 7Page - Texas Instruments BQ25882 Datasheet HTML 8Page - Texas Instruments BQ25882 Datasheet HTML 9Page - Texas Instruments BQ25882 Datasheet HTML 10Page - Texas Instruments BQ25882 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 86 page
background image
7
BQ25883
www.ti.com
SLUSDL3A – FEBRUARY 2019 – REVISED APRIL 2019
Product Folder Links: BQ25883
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Thermal Information (continued)
over operating free-air temperature range (unless otherwise noted)
THERMAL METRIC(1)
BQ25883
UNIT
RGE (VQFN)
24-PIN
RΘ JC(bot)
Junction-to-case (bottom) thermal resistance
3.7
°C/W
7.5 Electrical Characteristics
VVBUS_UVLO_RISING< VVBUS < VVBUS_OV, TJ = -40°C to+125°C, and TJ = 25°C for typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
QUIESCENT CURRENTS
IBAT
Battery discharge current (BAT)
VBAT = 9 V, No VBUS, SCL, SDA = 0 V
or 1.8 V, TJ=25C, ADC Disabled
12
14
µA
VBAT = 9 V, No VBUS, SCL, SDA = 0 V
or 1.8 V, TJ < 85C, ADC Disabled
12
20
µA
IVBUS_HIZ
Input supply current (VBUS) in HIZ
VBUS = 5 V, High-Z Mode, no battery,
ADC Disabled, 25
℃
30
38
µA
VBUS = 5 V, High-Z Mode, no battery,
ADC Disabled, <85
℃
30
48
µA
IVBUS
Input supply current (VBUS)
VBUS = 5 V, VBAT = 7.6 V, converter not
switching
1.5
3
mA
VBUS = 5 V, VBAT = 7.6 V, converter
switching, ISYS = 0A
3
mA
IBAT_OTG
Battery discharge current in OTG
mode
VBAT = 8.4 V, OTG Buck Mode, IVBUS =
0A, converter switching
3
mA
VBUS/VBAT POWER UP
VVBUS_OP
VBUS operating range
3.9
6.2
V
VVBUS_UVLO_RISING
VBUS rising for active I2C, no battery VBUS rising
3.3
3.68
V
VVBUS_OV
VBUS over-voltage rising threshold
VBUS rising
6.2
6.6
V
VBUS over-voltage falling threshold
VBUS falling
5.9
6.4
V
VBAT_UVLO_RISING
Battery for active I2C
VBAT rising
3.7
4
4.42
V
VPOORSRC_FALLING
Bad adapter detection threshold
VBUS falling below VPOORSRC_FALLING
3.7
V
IPOORSRC
Bad adapter detection current source
15
mA
POWER-PATH
VSYS
Typical System Regulation Voltage
ISYS = 0A, VBAT = 8.80 V >
SYS_MIN[3:0], Charge Disabled (EN_CHG
= 0)
VBAT+0.
1
V
ISYS = 0A, VBAT < SYS_MIN[3:0],
Charge Disabled (EN_CHG = 0)
VSYS_
MIN+0.
2
V
VSYS_MIN
System Regulation Voltage
VBAT < SYS_MIN[3:0] = 0010, Charge
Disabled (EN_CHG = 0)
6.2
6.4
V
BATTERY CHARGER
VREG_RANGE
Typical charge voltage regulation
range
6.8
9.2
V
VREG_STEP
Typical charge voltage step
10
mV
VREG_ACC
Charge voltage
VREG = 8.40 V, TJ = 0°C to 85°C,
8.35
8.4
8.44
V
ICHG_RANGE
Charge current regulation range
100
2200
mA
ICHG_STEP
Charge current regulation step
50
mA
ICHG_ACC
Fast Charge current regulation
accuracy
ICHG = 1000 mA, VBAT = 6.2 V or 7.6 V,
TJ = 0°C to 85°C
-7.5
7.5
%
ICHG_ACC
Fast Charge current regulation
accuracy
ICHG = 500mA, VBAT = 6.2 V or 7.6 V, TJ
= 0°C to 85°C
-15
15
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com