Electronic Components Datasheet Search
  English  ▼

X  

BQ25882 Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ25882
Description  BQ25883 2-Cell, 2-A Boost-Mode Battery Charger With Power Path, USB On-The-Go Boost (OTG) For USB Input
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25882 Datasheet(HTML) 5 Page - Texas Instruments

  BQ25882 Datasheet HTML 1Page - Texas Instruments BQ25882 Datasheet HTML 2Page - Texas Instruments BQ25882 Datasheet HTML 3Page - Texas Instruments BQ25882 Datasheet HTML 4Page - Texas Instruments BQ25882 Datasheet HTML 5Page - Texas Instruments BQ25882 Datasheet HTML 6Page - Texas Instruments BQ25882 Datasheet HTML 7Page - Texas Instruments BQ25882 Datasheet HTML 8Page - Texas Instruments BQ25882 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 86 page
background image
5
BQ25883
www.ti.com
SLUSDL3A – FEBRUARY 2019 – REVISED APRIL 2019
Product Folder Links: BQ25883
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
ILIM
8
AI
Input Current Limit (IINDPM) – ILIM pin sets the maximum input current and can be used to
monitor input current. IINDPM loop regulates ILIM pin voltage at 0.8V. When ILIM pin is less than
0.8V, the input current can be calculated by IIN = KILIM x VILIM / (RILIM x 0.8V). A resistor
connected from ILIM pin to ground sets the input current limit as maximum (IINMAX = KILIM /
RILIM). When ILIM pin is short to GND, the input current limit is set to maximum by ILIM. The actual
input current limit is the lower limit set by ILIM pin (when EN_ILIM bit is HIGH) or IINDPM register
bits. Input current limit less than 500mA is not supported on ILIM pin. The ILIM pin function can be
disabled when EN_ILIM bit is 0. If ILIM pin is not used, pull this pin to GND.Do not float this pin.
PG
9
DO
Open drain active low power good indicator – Connect to the pull up rail via 10-k
Ω resistor. LOW
indicates a good input source if the input voltage is within VVBUS_OP (3.9 V), and can provide more
than IPOORSRC (30 mA).
REGN
11
P
Gate Drive Supply – Bias supply for internal MOSFETs driver and IC. Bypass REGN to GND with a
4.7-µF ceramic capacitor. REGN current limit is 50 mA.
BTST
12
P
PWM High-side Driver Supply – Internally, BTST is connected to the cathode of the boot-strap
diode. Connect a 47nF bootstrap capacitor from SW to BTST.
BAT
13, 14
P
Battery Power Connection – Connect minimum recommended 10-µF capacitance after derating
closely to the BAT pin and GND.
SYS
15, 16
P
System Connection – The internal BATFET is connected between SYS and BAT. When the battery
falls below the minimum system voltage, the switch-mode converter keeps SYS above the minimum
system voltage. Connect a 2x22-µF capacitance after derating closely to the SYS pin and PGND.
SW
17, 18
P
Inductor Connection – Connect to the switched side of the external inductor.
GND
19, 20,
–
Ground Return
PMID
21, 22
P
Blocking MOSFET Connection – The minimum recommended total input low-ESR capacitance on
VBUS and PMID, after applied derating, is 10 uF. At least 1-uF is recommended at VBUS with the
remainder at PMID. Typical value for PMID is 10 uF.
VBUS
23
P
Input Supply – VBUS is connected to the external DC supply. Bypass VBUS to GND with at least 1-
µF ceramic capacitor, placed as close to the IC as possible.
NC
10
–
No Connect – Leave these pins floating or tie to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com