Electronic Components Datasheet Search
  English  ▼

X  

BQ25882 Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ25882
Description  BQ25883 2-Cell, 2-A Boost-Mode Battery Charger With Power Path, USB On-The-Go Boost (OTG) For USB Input
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25882 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ25882 Datasheet HTML 4Page - Texas Instruments BQ25882 Datasheet HTML 5Page - Texas Instruments BQ25882 Datasheet HTML 6Page - Texas Instruments BQ25882 Datasheet HTML 7Page - Texas Instruments BQ25882 Datasheet HTML 8Page - Texas Instruments BQ25882 Datasheet HTML 9Page - Texas Instruments BQ25882 Datasheet HTML 10Page - Texas Instruments BQ25882 Datasheet HTML 11Page - Texas Instruments BQ25882 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
8
BQ25883
SLUSDL3A – FEBRUARY 2019 – REVISED APRIL 2019
www.ti.com
Product Folder Links: BQ25883
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
VVBUS_UVLO_RISING< VVBUS < VVBUS_OV, TJ = -40°C to+125°C, and TJ = 25°C for typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
ICHG_ACC
Fast Charge current regulation
accuracy
ICHG = 250 mA, VBAT = 6.2 V or 7.6 V,
TJ = 0°C to 85°C
-25
25
%
IPRECHG_RANGE
Precharge current range
50
800
mA
IPRECHG_STEP
Typical precharge current step
50
mA
IPRECHG_ACC
Precharge current accuracy
VBAT = 5.2 V, IPRECHG = 200 mA, TJ =
25°C
170
237
mA
VBAT = 5.2 V, IPRECHG = 200 mA, TJ =
0°C to 85°C
150
245
mA
ITERM_RANGE
Termination current range
50
800
mA
ITERM_STEP
Typical termination current step
50
mA
ITERM_ACC
Termination current accuracy
ICHG = 1.5A, ITERM = 150 mA, TJ = 25°C
143
157
mA
ICHG = 1.5A, ITERM = 150 mA, TJ = 0°C
to 85°C
120
180
mA
ICHG = 1.5A, ITERM = 50 mA, TJ = 25°C
45
60
mA
ICHG = 1.5A, ITERM = 50 mA, TJ = 0°C to
85°C
22
75
mA
VBAT_SHORT_RISING
Short Battery Voltage rising threshold
to start pre-charging
VBAT rising
4.1
4.4
4.7
V
VBAT_SHORT_FALLIN
G
Short Battery Voltage falling
threshold to stop pre-charging
VBAT falling
3.7
4
4.3
V
IBAT_SHORT
Low Battery Voltage trickle charging
current
VBAT < 4.4 V
100
mA
VBAT_LOWV_RISING
VBAT LOWV Rising threshold to
start fast-charging
VBAT rising, VBATLOWV = 6.0 V
5.7
6
6.3
V
VBAT rising, VBATLOW = 5.6 V
5.3
5.6
5.9
V
VBAT_LOWV_FALLING
VBAT LOWV Falling threshold to
stop fast-charging
VBAT falling, VBATLOW = 5.6 V
4.9
5.2
5.5
V
VBAT falling, VBATLOWV = 6.0 V
5.3
5.6
5.9
V
VRECHG
Recharge threshold below VREG
VBAT falling, VRECHG[1:0] = 01
200
mV
VBAT falling, VRECHG[1:0] = 10
300
mV
RON_QHS (Q2)
High-side switching MOSFET on-
resistance between SW and
SYS (Q2)
TJ = 25°C
32
34.2
mΩ
TJ = – 40°C to 125°C
32
46.5
mΩ
RON_QLS (Q3)
Low-side switching MOSFET on-
resistance between SW and GND
(Q3)
TJ = 25°C
42
45.8
mΩ
TJ = – 40°C to 125°C
42
62.9
mΩ
RON_QBAT (Q4)
MOSFET on-resistance between
SYS and BAT (Q4)
TJ = 25°C
18
18.8
mΩ
TJ = – 40°C - 85°C
18
22.5
mΩ
IBAT_DISCHG
BAT Discharge current source
VBAT = 8V, EN_BAT_DISCHG = 1
8
11.5
16
mA
INPUT VOLTAGE / CURRENT REGULATION
VINDPM_RANGE
Input voltage regulation range
3.9
5.5
V
VINDPM_STEP
Input voltage regulation step
100
mV
VINDPM
Input voltage limit
VINDPM = 3.9 V
3.783
3.9
4.017
V
VINDPM = 4.4 V
4.268
4.4
4.532
V
IINDPM_RANGE
Input current regulation range
500
3300
mA
IINDPM_STEP
Input current regulation step
100
mA
IINDPM_ACC
Input current regulation limit
IINDPM = 500 mA
438
469
500
mA
IINDPM = 900 mA
765
832
900
mA
IINDPM = 2500 mA
2125
2312
2500
mA
IINDPM = 3000 mA
2550
2775
3000
mA
KILIM
IINMAX = KILIM/RILIM
Input Current regulation by ILIM pin = 1.5A
1012
1098
1185
A x
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com