Electronic Components Datasheet Search
  English  ▼

X  

BQ25882 Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ25882
Description  BQ25883 2-Cell, 2-A Boost-Mode Battery Charger With Power Path, USB On-The-Go Boost (OTG) For USB Input
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25882 Datasheet(HTML) 4 Page - Texas Instruments

  BQ25882 Datasheet HTML 1Page - Texas Instruments BQ25882 Datasheet HTML 2Page - Texas Instruments BQ25882 Datasheet HTML 3Page - Texas Instruments BQ25882 Datasheet HTML 4Page - Texas Instruments BQ25882 Datasheet HTML 5Page - Texas Instruments BQ25882 Datasheet HTML 6Page - Texas Instruments BQ25882 Datasheet HTML 7Page - Texas Instruments BQ25882 Datasheet HTML 8Page - Texas Instruments BQ25882 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 86 page
background image
18
17
16
14
15
19
20
21
23
22
1
2
3
5
4
12
11
10
8
9
SW
/INT
24
13
7
6
SW
D-
BQ25883
RGE, 4x4
SYS
BAT
BAT
SYS
INT
SCL
STAT
CE
SDA
4
BQ25883
SLUSDL3A – FEBRUARY 2019 – REVISED APRIL 2019
www.ti.com
Product Folder Links: BQ25883
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
6 Pin Configuration and Functions
RGE Package
24-Pin VQFN
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
D+
24
AIO
Positive USB data line – D+/D– based USB host/charging port detection. The detection includes
data contact detection (DCD) and secondary detection in BC1.2.
D–
1
AIO
Negative USB data line – D+/D– based USB host/charging port detection. The detection includes
data contact detection (DCD) and secondary detection in BC1.2.
STAT
2
DO
Open drain charge status indicator – Connect to the pull-up rail via 10-k
Ω resistor. LOW indicates
charge in progress. HIGH indicates charge complete or charge disabled. When any fault occurs, the
STAT pin blinks at 1Hz. The STAT function can be disabled when the STAT_DIS bit is set.
CE
3
DI
Active Low Charge Enable Pin – Battery charging is enabled when EN_CHG bit is 1 and CE pin is
LOW. CE pin is internally pulled low with 900k-Ω resistor.
SDA
4
DIO
I2C Interface Data – Connect SDA to the pull up rail through a 10-k
Ω resistor.
SCL
5
DI
I2C Interface Clock – Connect SCL to the pull up rail through a 10-k
Ω resistor.
INT
6
DO
Open drain active Interrupt Output – Connect INT to the pull up rail via a 10-k
Ω resistor. The INT
pin sends active low, 256-µs pulse to the host to report charger device status and fault.
TS
7
AI
Temperature Qualification Voltage – Connect a negative temperature coefficient thermistor.
Program temperature window with a resistor divider from REGN to TS to GND. Charge suspends
when TS pin is out of range. Recommend 103AT-2 thermistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com