Electronic Components Datasheet Search
  English  ▼

X  

BQ25882 Datasheet(PDF) 39 Page - Texas Instruments

Part # BQ25882
Description  BQ25883 2-Cell, 2-A Boost-Mode Battery Charger With Power Path, USB On-The-Go Boost (OTG) For USB Input
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25882 Datasheet(HTML) 39 Page - Texas Instruments

Back Button BQ25882 Datasheet HTML 35Page - Texas Instruments BQ25882 Datasheet HTML 36Page - Texas Instruments BQ25882 Datasheet HTML 37Page - Texas Instruments BQ25882 Datasheet HTML 38Page - Texas Instruments BQ25882 Datasheet HTML 39Page - Texas Instruments BQ25882 Datasheet HTML 40Page - Texas Instruments BQ25882 Datasheet HTML 41Page - Texas Instruments BQ25882 Datasheet HTML 42Page - Texas Instruments BQ25882 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 86 page
background image
39
BQ25883
www.ti.com
SLUSDL3A – FEBRUARY 2019 – REVISED APRIL 2019
Product Folder Links: BQ25883
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.5.3 Input Voltage Limit Register (Address = 02h) [reset = 84h]
REG02 is shown in Figure 36 and described in Table 12.
Return to Summary Table.
Figure 36. REG02 Register
Bit
7
6
5
4
3
2
1
0
Reset
1h
0h
0h
04h
Field
EN_VINDPM_R
ST
EN_BAT_DISC
HG
PFM_OOA_DIS
VINDPM[4:0]
Table 12. REG02 Register Field Descriptions
Bit
Field
Type
Reset by
REG_RST
Reset by
WATCHDOG
Description
7
EN_VINDPM_RST
R/W
Yes
Yes
Enable VINDPM automatic reset upon adapter plugin:
0 – Disable VINDPM reset when adapter is plugged in
1 – Enable VINDPM reset when adapter is plugged in (VINDPM resets to default
value after Input Source Type Detection) (Default)
6
EN_BAT_DISCHG
R/W
Yes
Yes
Enable BAT pin discharge load (IBAT_DISCHG):
0 – Disable load (Default)
1 – Enable BAT discharge load
5
PFM_OOA_DIS
R/W
Yes
No
PFM Out-of-Audio (OOA) Mode Disable:
0 – Out-of-audio mode enabled while converter is in PFM (Default)
1 – Out-of-audio mode disabled while converter is in PFM
4
VINDPM[4]
R/W
Yes
No
1600 mV
Absolute Input Voltage Limit:
Offset: 3.9 V
Range: 3.9V – 5.5V
Default: 4.3 V
Note: VINDPM > 5.5V (10h) clamped to 5.5V. VINDPM register is
reset upon adapter plug-in if EN_VINDPM_RST = 1.
3
VINDPM[3]
R/W
Yes
No
800 mV
2
VINDPM[2]
R/W
Yes
No
400 mV
1
VINDPM[1]
R/W
Yes
No
200 mV
0
VINDPM[0]
R/W
Yes
No
100 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com