Electronic Components Datasheet Search
  English  ▼

X  

OPA1637 Datasheet(PDF) 16 Page - Texas Instruments

Part # OPA1637
Description  OPA1637 High-Fidelity, Low-Noise, Fully-Differential, Burr-Brown™ Audio Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1637 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA1637 Datasheet HTML 12Page - Texas Instruments OPA1637 Datasheet HTML 13Page - Texas Instruments OPA1637 Datasheet HTML 14Page - Texas Instruments OPA1637 Datasheet HTML 15Page - Texas Instruments OPA1637 Datasheet HTML 16Page - Texas Instruments OPA1637 Datasheet HTML 17Page - Texas Instruments OPA1637 Datasheet HTML 18Page - Texas Instruments OPA1637 Datasheet HTML 19Page - Texas Instruments OPA1637 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
8 Detailed Description
8.1 Overview
The OPA1637 is a low-noise, low-distortion fully-differential amplifier (FDA) that features Texas Instrument's
super-beta bipolar input devices. Super-beta input devices feature very low input bias current as compared to
standard bipolar technology. The low input bias current and current noise makes the OPA1637 an excellent
choice for audio applications that require low-noise differential signal processing without significant current
consumption. This device is also designed for analog-to-digital audio input circuits that require low noise in a
single fully-differential amplifier. This device achieves lower current consumption at lower noise levels than what
is achievable with two low-noise amplifiers. The OPA1637 also features high-voltage capability, which allows the
device to be used in ±15-V supply circuits without any additional voltage clamping or regulators. This feature
enables a direct, single amplifier for a 24-dBm differential output drive (commonly found on mixers and digital
audio interfaces) without any additional amplification.
8.2 Functional Block Diagram
VS+
IN±
+
±
Low Noise
Differential I/O
Amplifier
IN+
5 M
OUT+
OUT±
+
±
+
±
VCM
Error
Amplifier
VOCM
VS+
5 M
PD
VS±
VS±
1 µA
OPA1637
SBOSA00B – DECEMBER 2019 – REVISED AUGUST 2020
www.ti.com
16
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: OPA1637



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com